Electronic Components Datasheet Search
  English  ▼

X  

MAX3218CAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3218CAP
Description  1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3218CAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3218CAP Datasheet HTML 1Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 2Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 3Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 4Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 5Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 6Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX3218 RS-232 transceiver is intended for bat-
tery-powered EIA/TIA-232E and V.28/V.24 communica-
tions interfaces that need two drivers and two receivers
with minimum power consumption from a single low-
voltage supply. It provides a wide +1.8V to +4.25V
operating voltage range while maintaining true RS-232
and EIA/TIA-562 voltage levels. The MAX3218 runs
from two alkaline, NiCd, or NiMH cells without any form
of voltage regulator. A guaranteed 120kbps data rate
provides compatibility with popular software for com-
municating with personal computers.
Supply current is reduced to 1µA with Maxim’s new
AutoShutdown™ feature. When the MAX3218 does not
sense a valid signal level on the receiver inputs, the on-
board power-supply and drivers shut down. This
occurs if the RS-232 cable is disconnected or if the
transmitters of the connected peripheral are turned off.
The system turns on again when a valid level is applied
to either RS-232 receiver input. As a result, the system
saves power without changes to the existing software.
Additionally, the MAX3218 can be forced into or out of
shutdown, under logic control.
While shut down, all receivers can remain active or can
be disabled under logic control, permitting a system
incorporating the CMOS MAX3218 to monitor external
devices while in low-power shutdown. Three-state dri-
vers are provided on both receiver outputs so that multi-
ple receivers, generally of different interface standards,
can be on the same bus. The MAX3218 is available in
20-pin DIP and SSOP packages.
________________________Applications
Battery-Powered Equipment
Subnotebook Computers
PDAs
Hand-Held Equipment
Peripherals
Cellular Phones
____________________________Features
BETTER THAN BIPOLAR!
o 1µA Supply Current Using AutoShutdown™
o Operates Directly from Two Alkaline,
NiCd or NiMH Cells
o +1.8V to +4.25V Single-Supply Voltage Range
o 120kbps Data Rate Guaranteed
o Low-Cost Surface-Mount Components
o Meets EIA/TIA-232E Specifications
o Three-State Receiver Outputs
o Flow-Through Pinout
o On-Board DC-DC Converters
o 20-Pin SSOP and DIP Packages
______________Ordering Information
† Contact factory for dice specifications.
1µA Supply Current, 1.8V to 4.25V-Powered
RS-232 Transceiver with AutoShutdown™
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
PART
MAX3218CPP
MAX3218CAP
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 SSOP
19-0380; Rev 0; 3/95
MAX3218C/D
MAX3218EPP
-40°C to +85°C
0°C to +70°C
Dice†
20 Plastic DIP
* Patent Pending
™ AutoShutdown is a trademark of Maxim Integrated Products.
MAX3218EAP
-40°C to +85°C
20 SSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
GND
V+
C1+
GND
FORCEON
FORCEOFF
INVALID
LX
TOP VIEW
C1-
V-
T1OUT
T2OUT
T2IN
T1IN
VCC
GND
12
11
9
10
R1IN
R2IN
R2OUT
R1OUT
DIP/SSOP
MAX3218
__________________Pin Configuration


Similar Part No. - MAX3218CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218CAP+ MAXIM-MAX3218CAP+ Datasheet
817Kb / 13P
1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results

Similar Description - MAX3218CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
MAX221 MAXIM-MAX221 Datasheet
110Kb / 8P
5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com