Electronic Components Datasheet Search
  English  ▼

X  

MAX3222CAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3222CAP
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222CAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3222CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 9Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 10Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 11Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 12Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 13Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 14Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 15Page - Maxim Integrated Products MAX3222CAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
___________________Chip Topography
___________________Chip Information
________________________________________________________Package Information
T1IN
T2IN
0.127"
(3.225mm)
0.087"
(2.209mm)
R2OUT
R2IN
T2OUT
R1OUT
R1IN
T1OUT
VCC
V+
C1+
SHDN
EN
C1-
C2+
C2-
V-
GND
MAX3222
TRANSISTOR COUNT: 339
SUBSTRATE CONNECTED TO GND
MAX3222
339
MAX3232
339
MAX3237
1212
MAX3241
894
TRANSISTOR COUNT
PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com