Electronic Components Datasheet Search
  English  ▼

X  

MAX3224CAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3224CAP
Description  1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224CAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3224CAP Datasheet HTML 9Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 10Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 11Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 12Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 13Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 14Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 15Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 16Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
simultaneously at 120kbps into RS-232 loads in parallel
with 1000pF. For Figure 9, a single transmitter was dri-
ven at 250kbps, and all transmitters were loaded with
an RS-232 receiver in parallel with 250pF.
The MAX3225/MAX3227/MAX3245 maintain the RS-232
±5.0V minimum transmitter output voltage at data rates
up to 1Mbps (MegaBaud). Figure 10 shows a loopback
test result with a single transmitter driven at 1Mbps and
all transmitters loaded with an RS-232 receiver in paral-
lel with 250pF.
Mouse Driveability
The MAX3244/MAX3245 are specifically designed to
power serial mice while operating from low-voltage
power supplies. They have been tested with leading
mouse brands from manufacturers such as Microsoft
and Logitech. The MAX3244/MAX3245 successfully
drove all serial mice tested and met their respective
current and voltage requirements. The MAX3244/
MAX3245 dual charge pump ensures the transmitters
will supply at least ±5V during worst-case conditions.
Figure 11a shows the transmitter output voltages under
increasing load current. Figure 11b shows a typical
mouse connection.
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
______________________________________________________________________________________
13
Figure 8. MAX3224/MAX3226/MAX3244 Loopback Test Result
at 120kbps
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Figure 9. MAX3224/MAX3226/MAX3244 Loopback Test Result
at 250kbps
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Figure 10. MAX3225/MAX3227/MAX3245 Loopback Test
Result at 1Mbps
200ns/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
LOAD CURRENT PER TRANSMITTER (mA)
VOUT+
VOUT-
VOUT+
VOUT-
VCC
VCC = 3.0V
Figure 11a. MAX324_ Transmitter Output Voltage vs. Load
Current per Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com