Electronic Components Datasheet Search
  English  ▼

X  

OA172 Datasheet(PDF) 1 Page - ORION FANS

Part # OA172
Description  AC FAN - SALT FOG RATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA172 Datasheet(HTML) 1 Page - ORION FANS

  OA172 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
O
OAA117722SSAAPP XXCC SSeerriieess
AC FAN - Salt Fog Rated
172x150x55mm (6.7”x 5.9”x 2.2”)
Frame
DiecastAluminum
Environmental Protection
SALT FOG RATED
Operating Temperature
-20C ~ +70C
Life Expectancy
>40,000 hours (L10, 40C )
Impeller
PBT, UL94V-O plastic
Connection
Terminals
Motor
AC Capacitor drive,
Thermally protected
Bearing System
Dual ball bearing
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1500V / 1 min
Model Number
OA172SAP-11-1TBXC (SF)
OA172SAP-22-1TBXC (SF)
Part Number
230385562
230685562
Nominal Voltage
115 VAC
230 VAC
Voltage Range
103 ~ 126 VAC
207 ~ 253 VAC
Rated Current
0.34A
0.17A
Locked Current
0.76A
0.38A
Rated Power
38 W
38 W
Rated Speed (RPM)
3400
3400
Airflow (CFM)
293
293
Noise Level (dB)
60
60
Max. Static Pressure
(” H2O) 0.90
0.90
m2


Similar Part No. - OA172

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AN ORIONFANS-OA172AN Datasheet
5Mb / 8P
AC & EC FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA172AP ORIONFANS-OA172AP Datasheet
5Mb / 8P
AC & EC FANS
OA172AP-11-1 ORIONFANS-OA172AP-11-1 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172AP-11-11855 ORIONFANS-OA172AP-11-11855 Datasheet
332Kb / 1P
AC - Harsh Environment 172 x 51mm (6.7??x 2.0??
More results

Similar Description - OA172

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
AC Fan
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
AC Fan
OA180ANL-11-1-1856 ORIONFANS-OA180ANL-11-1-1856 Datasheet
532Kb / 1P
AC Fan
OA254AP ORIONFANS-OA254AP Datasheet
155Kb / 1P
AC FAN - Salt Fog Rated
OA109-SF ORIONFANS-OA109-SF Datasheet
219Kb / 1P
AC Fan - Salt Fog Rated 120x38mm (4.7?쓝 1.5??
OA172SAP-SF ORIONFANS-OA172SAP-SF Datasheet
250Kb / 1P
AC FAN - Salt Fog Rated 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC-SF ORIONFANS-OA172SAPXC-SF Datasheet
245Kb / 1P
AC FAN - Salt Fog Rated 172x150x55mm (6.7?쓝 5.9?쓝 2.2??
OA109AP-11-1TB ORIONFANS-OA109AP-11-1TB Datasheet
219Kb / 1P
Salt Fog Rated
OA172XC ORIONFANS-OA172XC Datasheet
228Kb / 1P
Salt Fog
OA254AP-11-1TBSF ORIONFANS-OA254AP-11-1TBSF Datasheet
136Kb / 1P
Salt Fog
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com