Electronic Components Datasheet Search
  English  ▼

X  

OA172AP Datasheet(PDF) 1 Page - ORION FANS

Part # OA172AP
Description  AC - HARSH Environment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA172AP Datasheet(HTML) 1 Page - ORION FANS

  OA172AP Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
Aluminum Die-cast
Notes
Impeller
Metal alloy
Date: 050113
Connection *
Lead wires or Terminal
Environmental Protection:
IP55
Storage Temp:
-40C ~ +100C
Weight: 1350g (2.98 lbs)
Motor
AC Shaded pole,
Thermal protection
Bearing System
Dual Ball bearing
Insulation Resistance >100MOhm at 500VDC
Available AC voltages by special
order: 12, 24, 28, 38, 42, 48, 440,
480. Dual speed also available.
Call for information.
Dielectric Strength
> 60 seconds at
1500VAC
Operating Temp
Range
-30C ~ +80C
(non-condensing)
* Specify configuration:
TB = Terminal, Ball bearing
WB = Wire leads, Ball bearing
Life Expectancy
50000 hours (55C)
All Metal Fans
AC - Harsh Environment
172 x 51mm (6.7” x 2.0”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Model No.
Speed
(RPM)
Airflow
(CFM)
Noise
Volts AC
Voltage
Range AC
Watts
Max.
Static
Pressure
(“H2O)
Curves
OA172AP-11-1 * 1855
2750
3200
190
215
59
115
100 ~ 120
47
42
0.57
0.51
2 (50Hz)
1 (60Hz)
OA172AP-11-2 * 1855
2350
2300
162
155
48
115
100 ~ 120
35
32
0.46
0.37
4 (50Hz)
3 (60Hz)
OA172AP-11-3 * 1855
1500
1600
105
110
36
115
100 ~ 120
23
20
0.33
0.27
6 (50Hz)
5 (60Hz)
OA172AP-22-1 * 1855
2750
3200
190
215
59
230
200 ~ 240
47
42
0.57
0.51
2 (50Hz)
1 (60Hz)
OA172AP-22-2 * 1855
2350
2300
162
155
48
230
200 ~ 240
35
32
0.46
0.37
4 (50Hz)
3 (60Hz)
OA172AP-22-3 * 1855
1500
1600
105
110
36
230
200 ~ 240
23
20
0.33
0.27
6 (50Hz)
5 (60Hz)
OA172AP Metal Series


Similar Part No. - OA172AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
5Mb / 8P
AC & EC FANS
OA172AP-11-1 ORIONFANS-OA172AP-11-1 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172AP-11-11855 ORIONFANS-OA172AP-11-11855 Datasheet
332Kb / 1P
AC - Harsh Environment 172 x 51mm (6.7??x 2.0??
OA172AP-11-1TBXC ORIONFANS-OA172AP-11-1TBXC Datasheet
765Kb / 1P
172 x 51mm (6.7??x 2.0??
OA172AP-11-2 ORIONFANS-OA172AP-11-2 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
More results

Similar Description - OA172AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180ANL ORIONFANS-OA180ANL Datasheet
532Kb / 1P
AC - Harsh Environment
OA205 ORIONFANS-OA205 Datasheet
281Kb / 1P
AC - Harsh Environment
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
AC - Harsh Environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
logo
ORION FANS
OA162AP-11-1WB ORIONFANS-OA162AP-11-1WB Datasheet
310Kb / 1P
AC - Harsh Environment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com