Electronic Components Datasheet Search
  English  ▼

X  

MAX321CSA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX321CSA
Description  Precision, Dual-Supply, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX321CSA Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX321CSA Datasheet HTML 1Page - Maxim Integrated Products MAX321CSA Datasheet HTML 2Page - Maxim Integrated Products MAX321CSA Datasheet HTML 3Page - Maxim Integrated Products MAX321CSA Datasheet HTML 4Page - Maxim Integrated Products MAX321CSA Datasheet HTML 5Page - Maxim Integrated Products MAX321CSA Datasheet HTML 6Page - Maxim Integrated Products MAX321CSA Datasheet HTML 7Page - Maxim Integrated Products MAX321CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
__Ordering Information (continued)
___________________Chip Topography
0.075"
(1.90mm)
0.055"
(1.40mm)
V+
IN2
V-
IN1
COM2
NO2 (MAX320)
NC2 (MAX321/2)
COM1
NO1 (MAX320/2)
NC1 (MAX321)
* Contact factory for dice specifications.
** Contact factory for availability.
TRANSISTOR COUNT: 91
SUBSTRATE CONNECTED TO V+
Precision, Dual-Supply, SPST
Analog Switches
8 CERDIP**
-55°C to +125°C
MAX321MJA
8 CERDIP**
-40°C to +85°C
MAX321EJA
8 SO
-40°C to +85°C
MAX321ESA
8 µMAX
0°C to +70°C
MAX321CUA
8 SO
0°C to +70°C
MAX321CSA
8 Plastic DIP
0°C to +70°C
MAX321CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 Plastic DIP
-40°C to +85°C
MAX321EPA
Dice*
0°C to +70°C
MAX321C/D
8 CERDIP**
-55°C to +125°C
MAX322MJA
8 CERDIP**
-40°C to +85°C
MAX322EJA
8 SO
-40°C to +85°C
MAX322ESA
8 µMAX
0°C to +70°C
MAX322CUA
8 SO
0°C to +70°C
MAX322CSA
8 Plastic DIP
-40°C to +85°C
MAX322EPA
8 Plastic DIP
0°C to +70°C
MAX322CPA
Dice*
0°C to +70°C
MAX322C/D
________________________________________________________Package Information
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
0°
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
6°
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
0°
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
6°
INCHES
MILLIMETERS
8-PIN
µMAX
MICROMAX SMALL OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
0.101mm
0.004 in
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com