Electronic Components Datasheet Search
  English  ▼

X  

OA200EC Datasheet(PDF) 1 Page - ORION FANS

Part # OA200EC
Description  EC Fan Dual Speed- 115V, 230V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA200EC Datasheet(HTML) 1 Page - ORION FANS

  OA200EC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OperatingTemperature
Ball Bearing
Life Expectancy
Ball Bearing
Motor
thermally protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Frequency (Hz)
50 / 60
50 / 60
2O
0.27” / 0.50” H2O
250x76mm (9.85”x 3.0”)
Frame
PBT UL94V-0 Plastic
Impeller
Metal
Connection
Brushless E
C motor,
-25C ~ +50C
Weight: ~1000 grams
Storage Temperature
-40C ~ +80C
m2
3
x Lead wires Black (line),
Blue(neutral), Brown(speed)
Nominal Voltage
115 VAC
230 VAC
Rated Power
8
/26W (L/H Speed)
8
/26W (L/H Speed)
Nominal Current
0.12/0.37A (L/H Speed)
0.07/ 0.23A (L/H Speed)
Rated Speed (RPM)
140
0/2200 (L/H Speed)
14
00/2200 (L/H Speed)
Airflow (CFM)
30
0/480 (L/H Speed)
300
/480 (L/H Speed)
Noise Level (dB)
44/55 (L/H Speed)
44/55 (L/H Speed)
Max. Static Pressure
0.27” / 0.50” H
4
0,000 hours (L10 at 40C)
IP55 Rated
Part Number
OA200EC-11-1WB
OA200EC-22-1WB (UL Pending)
OA200EC Series
E
C Fan Dual Speed- 115V, 230V


Similar Part No. - OA200EC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA200EC ORIONFANS-OA200EC Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA200EC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA80 ORIONFANS-OA80 Datasheet
111Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15??x 1.5??
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA125 ORIONFANS-OA125 Datasheet
95Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7??x 1.0??
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109_16 Datasheet
370Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109-METAL ORIONFANS-OA109-METAL Datasheet
240Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC_16 Datasheet
449Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715_16 Datasheet
390Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com