Electronic Components Datasheet Search
  English  ▼

X  

IR4301 Datasheet(PDF) 9 Page - International Rectifier

Part # IR4301
Description  High peak music power output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR4301 Datasheet HTML 5Page - International Rectifier IR4301 Datasheet HTML 6Page - International Rectifier IR4301 Datasheet HTML 7Page - International Rectifier IR4301 Datasheet HTML 8Page - International Rectifier IR4301 Datasheet HTML 9Page - International Rectifier IR4301 Datasheet HTML 10Page - International Rectifier IR4301 Datasheet HTML 11Page - International Rectifier IR4301 Datasheet HTML 12Page - International Rectifier IR4301 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IR43x1
9 www.irf.com
© 2013 International Rectifier
Electrical Characteristics
(cont’d)
VCC,VBS= 12 V, VSS=VS=VN=COM=0V, VAA=9.6V and TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Audio Input
(VGND=0, VAA=4.8V, VSS=-4.8V)
VOS
Input offset voltage
-18
0
18
mV
IBIN
Input bias current
-
-
40
nA
GBW
Small signal bandwidth
-
9
-
MHz
CCOMP=1nF,
Rf=0
gm
OTA transconductance
-
10
-
mS
VIN+=0V, VIN-
=10mV
GV
OTA gain
50
-
-
dB
PWM
VthPWM
PWM comparator threshold in
COMP
-
(VAA -VSS)/2
-
V
fOTA
COMP pin star-up local
oscillation frequency
0.7
1.0
1.5
MHz
VCSD =GND
Ton
COMP to VS rising edge
propagation delay
-
370
-
ns
Toff
COMP to VS trailing edge
propagation delay
-
320
-
ns
DT
Deadtime: Low-side turn-off to
High-side turn-on (DTLO-HO) &
High-side turn-off to Low-side
turn-on (DTHO-LO)
-
50
-
ns
VP=30V,
VN=-30V
Power MOSFET (FET1, FET2) (IR4301)
V(BR)DSS
Drain-to-Source breakdown
voltage
80
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
39
50
mΩ
VGS=10V, ID=3.3A
Qg
Total gate charge
-
7.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=80V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
Power MOSFET (FET1, FET2) (IR4321)
V(BR)DSS
Drain-to-Source breakdown
voltage
60
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
30
40
mΩ
VGS=10V, ID=3.3A
Qg
Total gate charge
-
8.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=60V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
Power MOSFET (FET1, FET2) (IR4311)
V(BR)DSS
Drain-to-Source breakdown
voltage
40
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
44
56
mΩ
VGS=10V, ID=3.6A
Qg
Total gate charge
-
4.5
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=40V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
April 22, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com