Electronic Components Datasheet Search
  English  ▼

X  

IR4426 Datasheet(PDF) 3 Page - International Rectifier

Part # IR4426
Description  DUAL LOW SIDE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4426 Datasheet(HTML) 3 Page - International Rectifier

  IR4426 Datasheet HTML 1Page - International Rectifier IR4426 Datasheet HTML 2Page - International Rectifier IR4426 Datasheet HTML 3Page - International Rectifier IR4426 Datasheet HTML 4Page - International Rectifier IR4426 Datasheet HTML 5Page - International Rectifier IR4426 Datasheet HTML 6Page - International Rectifier IR4426 Datasheet HTML 7Page - International Rectifier IR4426 Datasheet HTML 8Page - International Rectifier IR4426 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
IR4426/IR4427/IR4428(S) & (PbF)
ADVANCE INFORMATION
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIL
Logic “1” input voltage (OUTA=HI, OUTB=HI)
—
—
0.8
(IR4426)
Logic “0” input voltage (OUTA=LO, OUTB=LO)
(IR4427)
Logic “I” input voltage (OUTA=HI),
Logic “0”
input voltage (OUTB=LO) (IR4428)
VOH
High level output voltage, VBIAS-VO
—
—
1.2
Io = 0mA
VOL
Low level output voltage, VO
—
—
0.1
Io = 0mA
IIN+
Logic “1” input bias current (OUT=HI)
—
5
15
VIN = 0V (IR4426)
VIN = VS (IR4427)
VINA = 0V (IR4428)
VINB = VS (IR4428)
IIN-
Logic “0” input bias current (OUT=LO)
—
-10
-30
VIN = VS (IR4426)
VIN = 0V (IR4427)
VINA = VS (IR4428)
VINB = 0V (IR4428)
IQS
Quiescent Vs supply current
—
100
200
VIN = 0V or VS
IO+
Output high short circuit pulsed current
1.5
2.3
—
VO = 0V, VIN = 0
(IR4426)
VO = 0V, VIN = VS
(IR4427)
VO = 0V, VINA = 0
(IR4428)
VO = 0V, VINB = VS
(IR4428)
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
1.5
3.3
—
VO = 15V, VIN = VS
(IR4426)
VO = 15V, VIN = 0
(IR4427)
VO = 15V, VINA = VS
(IR4428)
VO = 15V, VINB = 0
(IR4428)
PW
≤ 10 µs
DC Electrical Characteristics cont.
VBIAS (VS) = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to GND and are
applicable to input leads: INA and INB. The VO and IO parameters are referenced to GND and are applicable to the
output leads: OUTA and OUTB.
A
µA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com