Electronic Components Datasheet Search
  English  ▼

X  

OA205 Datasheet(PDF) 1 Page - ORION FANS

Part # OA205
Description  AC - Harsh Environment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA205 Datasheet(HTML) 1 Page - ORION FANS

  OA205 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
Aluminum Die-cast
Notes
Impeller
Metal alloy
Date: 050113
Connection *
Lead wires or Terminal
Environmental Protection:
IP56
Storage Temp:
-40C ~ +100C
Weight: 2300g (5.07 lbs)
Motor
AC Capacitor Induc-
tance, Thermal protection
Bearing System
Dual Ball bearing
Insulation Resistance >100MOhm at 500VDC
Available AC voltages by special
order: 12, 24, 28, 38, 42, 48, 440,
480. Dual speed also available.
Call for information.
Dielectric Strength
> 60 seconds at
1500VAC
Operating Temp
Range
-30C ~ +80C
(non-condensing)
* Specify configuration:
TB = Terminal, Ball bearing
WB = Wire leads, Ball bearing
Life Expectancy
50000 hours (55C)
All Metal Fans
AC - Harsh Environment
205x72mm (8.0” x 2.8”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Model No.
Speed
(RPM)
Airflow
(CFM)
Noise
Volts AC
Voltage
Range AC
Watts
Max.
Static
Pressure
(“H2O)
Curves
OA205AN-11-1 * 1856
2800
3200
550
650
68
115
100 ~ 120
95
105
1.05
1.08
2 (50Hz)
1 (60Hz)
OA205AN-11-2 * 1856
2300
2250
460
465
58
115
100 ~ 120
55
65
0.69
0.52
4 (50Hz)
3 (60Hz)
OA205AN-11-3 * 1856
1500
1650
310
330
48
115
100 ~ 120
32
40
0.38
0.29
6 (50Hz)
5 (60Hz)
OA205AN-22-1 * 1856
2800
3200
550
650
68
230
200 ~ 240
95
105
1.05
1.08
2 (50Hz)
1 (60Hz)
OA205AN-22-2 * 1856
2300
2250
460
465
58
230
200 ~ 240
55
65
0.69
0.52
4 (50Hz)
3 (60Hz)
OA205AN-22-3 * 1856
1500
1650
310
330
48
230
200 ~ 240
32
40
0.38
0.29
6 (50Hz)
5 (60Hz)
OA205AN Metal Series


Similar Part No. - OA205

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA205AN ORIONFANS-OA205AN Datasheet
421Kb / 1P
All Metal
OA205AN-11-1-1856 ORIONFANS-OA205AN-11-1-1856 Datasheet
281Kb / 1P
AC Fan
OA205AN-11-11856 ORIONFANS-OA205AN-11-11856 Datasheet
236Kb / 1P
AC Fan - 115V, 230V 205 x 72mm (8.0??x 2.8??
OA205AN-11-11856 ORIONFANS-OA205AN-11-11856 Datasheet
421Kb / 1P
All Metal
OA205AN-11-2-1856 ORIONFANS-OA205AN-11-2-1856 Datasheet
281Kb / 1P
AC Fan
More results

Similar Description - OA205

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA180ANL ORIONFANS-OA180ANL Datasheet
532Kb / 1P
AC - Harsh Environment
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
AC - Harsh Environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
logo
ORION FANS
OA162AP-11-1WB ORIONFANS-OA162AP-11-1WB Datasheet
310Kb / 1P
AC - Harsh Environment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com