Electronic Components Datasheet Search
  English  ▼

X  

OD5010 Datasheet(PDF) 1 Page - ORION FANS

Part # OD5010
Description  DC Fan - 5, 12, 24V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD5010 Datasheet(HTML) 1 Page - ORION FANS

  OD5010 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD55001100 SSeerriieess
DC Fan - 5, 12, 24V
50x10mm (1.97”x 0.39”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Life Expectancy (L10)
60,000 hrs Ball
50,000 hrs Sealed Sleeve
30,000 hrs Sleeve
Operating Temperature
-10 ~ 70C
Connection
2x Lead wires (~290mm)
26AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual Ball, sleeve, or sealed
sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage < 500 MicroAmp
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
012512
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD5010-05H *
5200
11
28
5
1.15
0.23
0.12
OD5010-05M *
4600
10
25
5
0.75
0.15
0.10
OD5010-05L *
3900
9
20
5
0.45
0.10
0.06
OD5010-12H *
5200
11
28
12
1.44
0.12
0.12
OD5010-12M *
4600
10
25
12
1.08
0.09
0.10
OD5010-12L *
3900
9
20
12
0.96
0.08
0.06
OD5010-24H *
5200
11
28
24
1.92
0.08
0.12
OD5010-24M *
4600
10
25
24
1.44
0.06
0.10
OD5010-24L *
3900
9
20
24
1.20
0.05
0.06
* Indicate “B” for ball bearing, “S” for sleeve bearing, or “SS” for sealed sleeve


Similar Part No. - OD5010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD5010 ORIONFANS-OD5010 Datasheet
5Mb / 8P
AC & EC FANS
OD5010-05H ORIONFANS-OD5010-05H Datasheet
401Kb / 1P
FAN
OD5010-05H ORIONFANS-OD5010-05H Datasheet
117Kb / 1P
FAN
OD5010-05L ORIONFANS-OD5010-05L Datasheet
401Kb / 1P
FAN
OD5010-05L ORIONFANS-OD5010-05L Datasheet
117Kb / 1P
FAN
More results

Similar Description - OD5010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4010 ORIONFANS-OD4010 Datasheet
89Kb / 1P
DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39)
OD4020 ORIONFANS-OD4020 Datasheet
124Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58 x 0.79)
OD4028 ORIONFANS-OD4028 Datasheet
112Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD9220 ORIONFANS-OD9220 Datasheet
110Kb / 1P
12, 24V DC Fan 92x20mm (3.6?쓝 0.79??
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD4010-SS ORIONFANS-OD4010-SS Datasheet
224Kb / 1P
DC Fan - 12, 24V 40x10mm (1.58?쓝 0.39??
OD4020 ORIONFANS-OD4020_16 Datasheet
383Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
OD4028 ORIONFANS-OD4028_16 Datasheet
376Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD6015 ORIONFANS-OD6015_17 Datasheet
137Kb / 1P
DC Fan - 5, 12, 24V 60 x 15mm (2.36??x 0.59??
OD9220 ORIONFANS-OD9220_16 Datasheet
198Kb / 1P
DC Fan - 12, 24V 92x20mm (3.6?쓝 0.79??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com