Electronic Components Datasheet Search
  English  ▼

X  

IR11672AS Datasheet(PDF) 1 Page - International Rectifier

Part # IR11672AS
Description  Secondary side high speed SR controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 1 Page - International Rectifier

  IR11672AS Datasheet HTML 1Page - International Rectifier IR11672AS Datasheet HTML 2Page - International Rectifier IR11672AS Datasheet HTML 3Page - International Rectifier IR11672AS Datasheet HTML 4Page - International Rectifier IR11672AS Datasheet HTML 5Page - International Rectifier IR11672AS Datasheet HTML 6Page - International Rectifier IR11672AS Datasheet HTML 7Page - International Rectifier IR11672AS Datasheet HTML 8Page - International Rectifier IR11672AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
IR11672AS
1
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
ADVANCED SMARTRECTIFIER
TM CONTROL IC
Features
Secondary side high speed SR controller
DCM, CrCM flyback and Resonant half-bridge
topologies
200 V proprietary IC technology
Max 500 KHz switching frequency
Anti-bounce logic and UVLO protection
7 A peak turn off drive current
Micropower start-up & ultra low quiescent current
10.7 V gate drive clamp
50ns turn-off propagation delay
Vcc range from 11.3 V to 20 V
Direct sensing of MOSFET drain voltage
Enable function synchronized with MOSFET VDS
transition
Cycle by Cycle MOT Check Circuit prevents
multiple false trigger GATE pulses
Lead-free
Compatible with 0.3 W Standby, Energy Star,
CECP, etc.
Typical Applications
LCD & PDP TV, Telecom SMPS, AC-DC
adapters, ATX SMPS, Server SMPS
Product Summary
Topology
Flyback,
Resonant Half-bridge
VD
200 V
VOUT
10.7 V
Io+ & I o- (typ.)
+2 A & -7 A
Turn on Propagation
Delay (typ.)
60 ns
Turn off Propagation
Delay (typ.)
50 ns
Package Options
8-Lead SOIC
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IR11672AS
SOIC8N
Tube/Bulk
95
IR11672ASPBF
Tape and Reel
2500
IR11672ASTRPBF


Similar Part No. - IR11672AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672ASPBF IRF-IR11672ASPBF Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672ASTRPBF IRF-IR11672ASTRPBF Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
More results

Similar Description - IR11672AS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
Secondary-Side PWM Controller
logo
International Rectifier
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
SmartRectifier CONTROL IC Secondary side high speed SR controller
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
International Rectifier
IR1166S IRF-IR1166S_15 Datasheet
1Mb / 25P
Secondary side high speed SR controller
IR1167AS IRF-IR1167AS_15 Datasheet
1Mb / 25P
Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
Secondary side high speed SR controller
IR11662S IRF-IR11662S_15 Datasheet
669Kb / 26P
Secondary side high speed SR controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com