Electronic Components Datasheet Search
  English  ▼

X  

IR38063M Datasheet(PDF) 2 Page - International Rectifier

Part # IR38063M
Description  Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR38063M Datasheet(HTML) 2 Page - International Rectifier

  IR38063M Datasheet HTML 1Page - International Rectifier IR38063M Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
P
2
www
BASIC AP
Fig
PINOUT D
w.irf.com
©
PPLICAT
ure 1: Typic
DIAGRAM
F
© 2014 Interna
ION
cal Applicatio
M
Figure 3: IR3
ational Rectifie
on Circuit
38063 packa
er
S
ge (Top View
Submit Datas
Figure
w) 5mm x 7m
sheet Feedba
e 2: Perform
mm PQFN
IR38063
ack
Apri
mance Curve
3
l 28, 2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com