Electronic Components Datasheet Search
  English  ▼

X  

IRAM136-3023B Datasheet(PDF) 3 Page - International Rectifier

Part # IRAM136-3023B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-3023B Datasheet(HTML) 3 Page - International Rectifier

  IRAM136-3023B Datasheet HTML 1Page - International Rectifier IRAM136-3023B Datasheet HTML 2Page - International Rectifier IRAM136-3023B Datasheet HTML 3Page - International Rectifier IRAM136-3023B Datasheet HTML 4Page - International Rectifier IRAM136-3023B Datasheet HTML 5Page - International Rectifier IRAM136-3023B Datasheet HTML 6Page - International Rectifier IRAM136-3023B Datasheet HTML 7Page - International Rectifier IRAM136-3023B Datasheet HTML 8Page - International Rectifier IRAM136-3023B Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IRAM136-3023B
Absolute Maximum Ratings (Continued)
Symbol
Parameter
Min
Max
Units
IBDF
Bootstrap Diode Peak Forward
Current
---
4.5
A
PBR Peak
Bootstrap Resistor Peak Power
(Single Pulse)
---
25.0
W
VS1,2,3
High side floating supply offset
voltage
VB1,2,3 - 25
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
150
V
VCC
Low Side and logic fixed supply
voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, ITrip
-0.3
Lower of
(VSS+15V) or
VCC+0.3V
V
Conditions
tP= 10ms,
TJ = 150°C, TC=100°C
tP=100μs, TC =100°C
Inverter Section Electrical Characteristics @TJ= 25°C
Symbol
Parameter
Min
Typ
Max
Units
V(BR)DSS
Drain-to-Source Breakdown
Voltage
150
---
---
V
V(BR)DSS / T
Temperature Coeff. Of
Breakdown Voltage
---
0.16
---
V/°C
---
38
80
---
65
122
---
3
80
---
8
---
---
1.2
1.9
---
1.0
1.8
--
--
1.25
---
---
1.10
RBR
Bootstrap Resistor Value
---
22
---
RBR/RBR
Bootstrap Resistor Tolerance
---
---
±5
%
IBUS_TRIP
Current Protection Threshold
(positive going)
56
---
68
A
TJ=25°C
TJ=25°C
See Figure 2
VBDFM
Bootstrap Diode Forward
Voltage Drop
V
IF=1A
IF=1A, TJ=125°C
VIN=5V, V
+=150V, T
J=125°C
VSD
Body Diode Forward Voltage
Drop
V
ID=15A
ID=15A, TJ=125°C
IDSS
Zero Gate Voltage Drain Current
A
VIN=5V, V
+=150V
Conditions
VIN=5V, ID=250μA
VIN=5V, ID=1.0mA
(25°C - 150°C)
RDS(ON)
Drain-to-Source On Resistance
m
ID=15A, VCC=15V
ID=15A, VCC=15V, TJ=125°C
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com