Electronic Components Datasheet Search
  English  ▼

X  

MAX3261E/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3261E/D
Description  Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3261E/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3261E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3261E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single +5V, Fully Integrated,
1.25Gbps Laser Diode Driver
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
NAME
FUNCTION
1, 2, 25,
27, 29
GNDA
Ground for Bias and Modulation Current Drivers
3
IPIN
Monitor Photodiode Current Input. Connect IPIN to photodiode’s anode.
PIN
4
SLWSTRT
Slow-Start Capacitor Input. Connect capacitor to ground or leave unconnected to set start-up time,
tSTARTUP = 25.4kΩ (CSLWSTRT + 2pF).
5, 9,
11, 13
GNDB
Ground for Voltage Reference and Automatic Power-Control Circuitry
8
FAILOUT
Failout Output. Active-low, open-collector TTL output indicates if automatic power-control loop is out
of regulation due to insufficient monitor-diode current (when VIPIN is below the 2.6V threshold).
Connect FAILOUT to VCC_ through a 2.7kΩ pull-up resistor.
7
IPINSET
Monitor Photodiode Programming Input. Connect IPINSET to VREF1 or VREF2 through a resistor to
set the monitor current when using automatic power control (see
Typical Operating Characteristics).
6
VREF2
Temperature-Compensated Reference Output. VREF2 is internally connected to VREF1.
19
VREF1
Temperature-Compensated Reference Output. VREF1 is internally connected to VREF2.
16
ENB-
Inverting Enable TTL Input. Output currents are enabled only when ENB+ is high and ENB- is low.
14, 15, 18
VCCB
+5V Supply Voltage for Voltage Reference and Automatic Power-Control Circuitry. Connect VCCB to
the same potential as VCCA, but provide separate bypassing for VCCA and VCCB.
12
VIN-
Inverting PECL Data Input
10
VIN+
Noninverting PECL Data Input
21
IBIASFB
Bias-Feedback Current Output. Output from automatic power-control circuit. Connect to IBIASSET
when using APC.
20
OSADJ
Overshoot-Adjust Input. Connect to internal voltage reference through a resistor to adjust the over-
shoot of the modulation output signal (see
Typical Operating Characteristics).
22
IBIASSET
Laser Bias Current-Programming Input. Connect to internal voltage reference through a resistor to set
bias current (see
Typical Operating Characteristics). IIBIASOUT = 40 x (IIBIASSET + IIBIASFB).
23
IMODSET
Laser Modulation Current-Programming Input. Connect to internal voltage reference through a resistor
to set modulation current (see
Typical Operating Characteristics). IMOD = 20 x IIMODSET.
24
IBIASOUT
Laser Bias Current Output. Connect to laser cathode through an R-L compensation network (see the
Bias Network Compensation section).
26
OUT-
Modulation Output. When VIN+ is high and VIN- is low, OUT- sinks IMOD.
30, 31, 32
VCCA
+5V Supply Voltage for Bias and Modulation Current Drivers. Connect VCCA to the same potential as
VCCB, but provide separate bypassing for VCCA and VCCB.
28
OUT+
Modulation Output. When VIN+ is low and VIN- is high, OUT+ sinks IMOD.
17
ENB+
Noninverting Enable TTL Input. Output currents are enabled only when ENB+ is high and ENB- is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com