Electronic Components Datasheet Search
  English  ▼

X  

G172 Datasheet(PDF) 1 Page - ORION FANS

Part # G172
Description  WIRE DIAMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

G172 Datasheet(HTML) 1 Page - ORION FANS

  G172 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G
G117722 SSeerriieess
Fan Guards for
172mm Fan
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
NOTES:
1. MATERIAL: C1008
BRIGHT BASIC WIRE
2. WELD JOINTS TO
WITHSTAND 88LBS
PULL FORCE
3. GENERAL TOLER-
ANCE UNLESS NOTED +/-
0.5mm
4. PART MEETS 6.35mm
PLUG GAUGE TEST
PART NO. G172-10H
WIRE DIAMETER
RING DIA: 1.8mm
RIB DIA: 2.3mm
FINISH: BRIGHT NICKEL CHROME
PART NO. G172-10H/PK
10-PACK G172-10H GUARDS, BOXED
PART NO. G172-10HB
WIRE DIAMETER
RING DIA: 1.8mm
RIB DIA: 2.3mm
FINISH: BLACK
PART NO. G172-10HB/PK
10-PACK G172-10HB GUARDS, BOXED
PART NO. G172-10HA
WIRE DIAMETER
RING DIA: 1.8mm
RIB DIA: 2.3mm
FINISH: BRIGHT NICKEL CHROME
PART NO. G172-10HA/PK
10-PACK G172-10H GUARDS, BOXED
PART NO. G172-10HAB
WIRE DIAMETER
RING DIA: 1.8mm
RIB DIA: 2.3mm
FINISH: BLACK
PART NO. G172-10HAB/PK
10-PACK G172-10HAB GUARDS, BOXED
PART NO. G172-10LN
WIRE DIAMETER
RING DIA: 1.6mm
RIB DIA: 2.0mm
FINISH: BRIGHT NICKEL CHROME
LOWER NOISE
PART NO. G172-10LN/PK
10-PACK G172-10LN GUARDS, BOXED
NOTES:
1. MATERIAL: C1008
BRIGHT BASIC WIRE
2. WELD JOINTS TO
WITHSTAND 88LBS
PULL FORCE
3. GENERAL TOLER-
ANCE UNLESS NOTED +/-
0.5mm
4. PART MEETS 6.35mm
PLUG GAUGE TEST
NOTES:
1. MATERIAL: C1008
BRIGHT BASIC WIRE
2. WELD JOINTS TO
WITHSTAND 88LBS
PULL FORCE
3. GENERAL TOLER-
ANCE UNLESS NOTED +/-
0.5mm
4. PART MEETS 6.35mm
PLUG GAUGE TEST
091211


Similar Part No. - G172

ManufacturerPart #DatasheetDescription
logo
ORION FANS
G172P ORIONFANS-G172P Datasheet
266Kb / 1P
Fan Guards
More results

Similar Description - G172

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7400 ETC2-7400 Datasheet
222Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
7501 ETC2-7501 Datasheet
141Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
logo
Molex Electronics Ltd.
0352414011 MOLEX4-0352414011 Datasheet
126Kb / 2P
1.00mm (.039") Diameter Wire-to-Wire Plug Housing
0352001000 MOLEX4-0352001000 Datasheet
106Kb / 2P
1.00mm (.039") Diameter Wire-to-Board Receptacle Housing
0352040193 MOLEX4-0352040193 Datasheet
90Kb / 3P
2.36mm (.093") Diameter Wire-to-Board Header
0598340250 MOLEX7-0598340250 Datasheet
69Kb / 2P
Insulation Cap, Wire Insulation Diameter 5.20mm (.205")
logo
TDK Electronics
WT-1005660-12K2-A6-G TDK-WT-1005660-12K2-A6-G Datasheet
583Kb / 8P
Wire Diameter: ?0.08mm x 105 ( Type2 Wire) Coil Turns: 12TS / 1 layer
WT-505060-10K2-A11-G TDK-WT-505060-10K2-A11-G Datasheet
544Kb / 8P
Wire Diameter: ?0.08mm x 105 ( Type2 Wire) Coil Turns: 10TS ,1 layer
logo
Molex Electronics Ltd.
49036-0417 MOLEX11-49036-0417 Datasheet
63Kb / 1P
3.80mm Pitch, Wire-to-Wire Uniconn Female Housing, for 2.28mm Diameter Terminal
logo
Omega Engineering, Inc.
SPIR OMEGA-SPIR Datasheet
194Kb / 1P
Thermocouple Wire Fine Diameter Base Metal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com