Electronic Components Datasheet Search
  English  ▼

X  

G280 Datasheet(PDF) 1 Page - ORION FANS

Part # G280
Description  Fan Guard for 280mm fan
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

G280 Datasheet(HTML) 1 Page - ORION FANS

  G280 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P
Paarrtt NNoo.. GG228800
Fan Guard for
280mm Fan
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
NOTES:
1. MATERIAL:STEEL WIRE
2. FINISH:BRIGHT NICKEL CHROME
3. WELDS TO WITHSTAND 88LBS PULL FORCE
4. GENERAL TOLERANCE UNLESS NOTED +/-0.5MM
5. PART MEETS 6.35MM PLUG GAUGE TEST
091011
Part Number
Description
G280
Fan guard, Chrome, for 280mm fan
G280/PK
10-Pack G280 guards, Boxed
7.9 +/- 0.8


Similar Part No. - G280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G280416G050 ETC-G280416G050 Datasheet
3Mb / 24P
SPEC TRACOOL Indoor/Outdoor
logo
Pentair plc. All rights...
G280416G050 PENTAIR-G280416G050 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G280416G051 PENTAIR-G280416G051 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G280416G060 PENTAIR-G280416G060 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G280416G100 PENTAIR-G280416G100 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
More results

Similar Description - G280

ManufacturerPart #DatasheetDescription
logo
CUI Devices
FG80-715 CUID-FG80-715 Datasheet
295Kb / 2P
FAN GUARD
08/05/2022
logo
CoolCox Limited All rig...
CCFG12CM COOLCOX-CCFG12CM Datasheet
374Kb / 1P
Fan Guard
CCFG18CM COOLCOX-CCFG18CM Datasheet
398Kb / 1P
Fan Guard
CCFG20CM COOLCOX-CCFG20CM Datasheet
446Kb / 1P
Fan Guard
CCFG4CM COOLCOX-CCFG4CM Datasheet
334Kb / 1P
Fan Guard
CCFG5CM COOLCOX-CCFG5CM Datasheet
399Kb / 1P
Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
Fan Guard
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
Fan Guard
CCFG9CM COOLCOX-CCFG9CM Datasheet
478Kb / 1P
Fan Guard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com