Electronic Components Datasheet Search
  English  ▼

X  

GRM80 Datasheet(PDF) 1 Page - ORION FANS

Part # GRM80
Description  Plastic - reinforced ABS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

GRM80 Datasheet(HTML) 1 Page - ORION FANS

  GRM80 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap-in Retainer makes cleaning or
replacing media simple. No tools required.
Plastic Filter Kit
for 80mm fans
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
G
GRRMM8800 SSeerriieess
Guard & Snap-in Retainer
Plastic - reinforced ABS
UL approved
Rating UL94V-O
Media
Polyurethane foam
UL approved
Rating UL94HF-1.
Porous mesh 30PPI, 45PPI or 60 PPI available
PPI = Pores Per Inch.
30 or 45 PPI recommended for most fan
applications
Low air resistance, filtration of particulate matter,
noise abatement
Part Number
Description
GRM80-30
80mm Fan filter kit, includes G80P guard, R80P, retainer, and 30 ppi media
GRM80-45
80mm Fan filter kit, includes G80P guard, R80P retainer, and 45 ppi media
GRM80-30/PK
10-Pack GRM80-30 filter kits, Boxed
GRM80-45/PK
10-Pack GRM80-45 filter kits, Boxed


Similar Part No. - GRM80

ManufacturerPart #DatasheetDescription
logo
ORION FANS
GRM80 ORIONFANS-GRM80 Datasheet
408Kb / 1P
Plastic Filter Kit Fits 80mm Fans
GRM80-30 ORIONFANS-GRM80-30 Datasheet
408Kb / 1P
Filter Assemblies
GRM80-30 ORIONFANS-GRM80-30 Datasheet
408Kb / 1P
Plastic Filter Kit Fits 80mm Fans
GRM80-30/PK ORIONFANS-GRM80-30/PK Datasheet
408Kb / 1P
Plastic Filter Kit Fits 80mm Fans
GRM80-45 ORIONFANS-GRM80-45 Datasheet
408Kb / 1P
Filter Assemblies
More results

Similar Description - GRM80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
Molded ABS Plastic Cases
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM60 ORIONFANS-GRM60 Datasheet
463Kb / 1P
Plastic - reinforced ABS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM120 ORIONFANS-GRM120 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
Jiangsu High diode Semi...
FABS202 HDSEMI-FABS202 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge Rectifier
logo
Bud Industries, Inc.
PTR-28483 BUD-PTR-28483 Datasheet
135Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28487 BUD-PTR-28487 Datasheet
107Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com