Electronic Components Datasheet Search
  English  ▼

X  

MAX3241CUI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3241CUI
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241CUI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3241CUI Datasheet HTML 8Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 9Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 10Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 11Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 12Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 13Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 14Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 15Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
______________________________________________________________________________________
15
______3V-Powered EIA/TIA-232 and EIA/TIA-562 Transceivers from Maxim
Ordering Information (continued)
* Dice are tested at TA = +25°C, DC parameters only.
0.1µF capacitors, 1 complemen-
tary receiver, MegaBaud
operation
232
250/1000
3
5/3
3.0 to 5.5
MAX3237
0.1µF capacitors, AutoShutdown,
complementary receiver,
drives mice
232
120
1
3/5
3.0 to 5.5
MAX3243
0.1µF capacitors
232
120
N/A
2/2
3.0 to 5.5
MAX3232
0.1µF capacitors, AutoShutdown
232
120
2
2/2
3.0 to 5.5
MAX3223
0.1µF capacitors
232
120
2
2/2
3.0 to 5.5
MAX3222
232
562
232
562
232
EIA/
TIA-232
OR 562
2.7 to 3.6
AutoShutdown, complementary
receiver, drives mice, transient
detection
235
5
3/5
MAX3212
0.1µF capacitors
230
2
2/2
3.0 to 3.6
MAX563
Operates directly from batteries
without a voltage regulator
120
2
2/2
1.8 to 4.25
MAX218
No. OF
RECEIVERS
ACTIVE IN
SHUTDOWN
POWER-
SUPPLY
VOLTAGE
(V)
Wide supply range
230
5
3/5
2.7 to 5.25
MAX562
Drives mice
120
5
3/5
3.0 to 3.6
MAX212
FEATURES
GUAR-
ANTEED
DATA
RATE
(kbps)
No. OF
TRANSMITTERS/
RECEIVERS
PART
0.1µF capacitors, 2 complemen-
tary receivers, drives mice
232
120
5
3/5
3.0 to 5.5
MAX3241
PART
MAX3222EUP
MAX3222EAP
MAX3222EWN
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
20 TSSOP
20 SSOP
18 SO
MAX3222EPN
MAX3232CUE
MAX3232CSE
0°C to +70°C
0°C to +70°C
-40°C to +85°C
18 Plastic DIP
16 TSSOP
16 Narrow SO
MAX3232CWE
MAX3232EUE
MAX3232ESE
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
16 Wide SO
16 TSSOP
16 Narrow SO
MAX3222C/D
0°C to +70°C
Dice*
MAX3232CPE
0°C to +70°C
16 Plastic DIP
PART
TEMP. RANGE
PIN-PACKAGE
MAX3232EWE
MAX3237CAI
MAX3237EAI
-40°C to +85°C
0°C to +70°C
-40°C to +85°C
16 Wide SO
28 SSOP
28 SSOP
MAX3241CUI
0°C to +70°C
28 TSSOP
MAX3241CAI
MAX3241EUI
MAX3241EAI
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
28 SSOP
28 TSSOP
28 SSOP
MAX3241EWI
-40°C to +85°C
28 SO
MAX3241CWI
0°C to +70°C
28 SO
MAX3232EPE
-40°C to +85°C
16 Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com