Electronic Components Datasheet Search
  English  ▼

X  

MAX3269CUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3269CUB
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3269CUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3269CUB Datasheet HTML 1Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 2Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 3Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 4Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 5Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 6Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 7Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 8Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Data outputs terminated per Figure 1, VCC = +3.0V to +5.5V, TA = 0°C to +70°C. Typical values are at VCC = +3.3V, TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................-0.5V to +6.0V
Voltage at IN+, IN- ..........................(VCC - 2.4V) to (VCC + 0.5V)
Voltage at SQUELCH, CAZ1,
CAZ2, LOS, LOS, TH..................................-0.5V to (VCC + 0.5V)
Voltage at LEVEL...................................................-0.5V to +2.0V
Current into LOS, LOS ..........................................-1mA to +9mA
Differential Input Voltage (IN+ - IN-) .....................................2.5V
Continuous Current at
CML Outputs (OUT+, OUT-) ..........................-25mA to +25mA
Continuous Current at PECL Outputs (OUT+, OUT-) .........50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 27mW/°C above +70°C) .........2162mW
10-Pin µMAX (derate 20mW/°C above +70°C) ...........1600mW
Operating Ambient Temperature Range .............-40°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Processing Temperature (dice) .......................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
Deterministic Jitter
MAX3265/MAX3269/MAX3765 (Notes 2, 3)
MAX3265/MAX3269/MAX3765
MAX3264/MAX3268/MAX3768
MAX3265/MAX3269/MAX3765
MAX3264/MAX3268/MAX3768
4.5
8.5
Low LOS Deassert Level
mV
RTH = 2.5k
Ω
MAX3264/MAX3268/MAX3768 (Notes 2, 3)
PARAMETER
MIN
TYP
MAX
UNITS
10
1200
5
1200
Data Rate
Gbps
Input Voltage Range
mV
14
30
11
25
1.25
2.5
psp-p
15
Random Jitter
8
psRMS
80
175
300
100
150
80
150
300
Data Output Edge Speed
100
150
ps
LOS Hysteresis
2.5
4.4
dB
LOS Assert/Deassert Time
1
µs
1.20
2.6
2.20
4.8
Low LOS Assert Level
mV
CONDITIONS
MAX3264/MAX3268/MAX3768 (Notes 2, 4)
MAX3265/MAX3269/MAX3765
MAX3264/MAX3268/MAX3768
MAX3265/MAX3269/MAX3765 (Notes 2, 4)
MAX3264 (Note 5)
MAX3265/MAX3765 (Note 6)
MAX3268/MAX3768 (Note 5)
MAX3269 (Note 6)
MAX3264/MAX3268/MAX3768
(Notes 2, 7)
MAX3265/MAX3269/MAX3765
(Notes 7, 8)
RTH = 2.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com