Electronic Components Datasheet Search
  English  ▼

X  

CTP1330F Datasheet(PDF) 1 Page - Central Technologies

Part # CTP1330F
Description  SMD Power Inductors - Molded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTP1330F Datasheet(HTML) 1 Page - Central Technologies

  CTP1330F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors - Molded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.28.06
Test
DCR
Incremental DC
Rated DC
Part
Inductance
Freq.
Max.
Current.
Current
Number
(µH)
(KHz)
(
Ω
Ω)
(mA)
(mA)
CTP1330F-102K
1.0
1.0
0.035
1526
2780
CTP1330F-122K
1.2
1.0
0.041
1400
2690
CTP1330F-152K
1.5
1.0
0.043
1291
2030
CTP1330F-182K
1.8
1.0
0.048
1180
1950
CTP1330F-222K
2.2
1.0
0.075
1104
1960
CTP1330F-272K
2.7
1.0
0.080
936
1550
CTP1330F-332K
3.3
1.0
0.108
840
1460
CTP1330F-392K
3.9
1.0
0.118
732
1390
CTP1330F-472K
4.7
1.0
0.125
720
1330
CTP1330F-562K
5.6
1.0
0.145
612
1110
CTP1330F-682K
6.8
1.0
0.165
600
1080
CTP1330F-822K
8.2
1.0
0.180
600
1020
CTP1330F-103K
10
1.0
0.216
564
946
CTP1330F-123K
12
1.0
0.252
516
912
CTP1330F-153K
15
1.0
0.288
432
858
CTP1330F-183K
18
1.0
0.328
420
817
CTP1330F-223K
22
1.0
0.384
348
694
CTP1330F-273K
27
1.0
0.425
324
657
CTP1330F-333K
33
1.0
0.538
270
568
CTP1330F-393K
39
1.0
0.600
270
488
CTP1330F-473K
47
1.0
0.792
246
467
CTP1330F-563K
56
1.0
0.900
216
442
CTP1330F-683K
68
1.0
1.020
174
384
CTP1330F-823K
82
1.0
1.380
150
362
CTP1330F-104K
100
1.0
1.680
132
347
CTP1330F-124K
120
1.0
1.800
111
327
CTP1330F-154K
150
1.0
2.040
106
272
CTP1330F-184K
180
1.0
2.400
89
261
CTP1330F-224K
220
1.0
2.648
72
223
CTP1330F-274K
270
1.0
4.320
60
191
CTP1330F-334K
330
1.0
4.800
57
179
CTP1330F-394K
390
1.0
5.640
48
171
CTP1330F-474K
470
1.0
6.000
41
161
CTP1330F-564K
560
1.0
6.960
35
138
CTP1330F-684K
680
1.0
8.760
30
130
CTP1330F-824K
820
1.0
9.960
26
113
CTP1330F-105K
1000.0
1.0
11.160
22
105
CTP1330F Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD Molded High Current Inductors
Applications: Excellent power line noise filters, filters for
switching regulated power supplies, DC/DC converters, SCR and
Triac controls and RFI suppression.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Incremental Current: The current at which the inductance will be
decreased by a maximum of 5% from its initial zero DC value
Testing: Tested on a HP4284A at 1KHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Parts are marked with inductance code
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
C
D
D
E
B
Size
A
B
C
D
E
mm
7.6~8.2
2.7~3.8
3.1~3.6
1.9±0.25
1.0~2.0
inches 0.300~0.326
0.110~0.150
0.125~0.145
0.075±0.010
0.040~0.080
PHYSICAL DIMENSIONS
SPECIFICATIONS
Part numbers indicate tolerance available.
K = ±10%
RoHS
Compliant


Similar Part No. - CTP1330F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CTP100 AMPHENOL-CTP100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
YAGEO Corporation
CTP10B YAGEO-CTP10B Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10C YAGEO-CTP10C Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10D YAGEO-CTP10D Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP10E YAGEO-CTP10E Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
More results

Similar Description - CTP1330F

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WLPM444220 WALSIN-WLPM444220 Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPH201610_P WALSIN-WLPH201610_P Datasheet
656Kb / 8P
SMD Molded Power Inductors
WLPH201610_S WALSIN-WLPH201610_S Datasheet
451Kb / 8P
SMD Molded Power Inductors
WLPH252010_P WALSIN-WLPH252010_P Datasheet
652Kb / 8P
SMD Molded Power Inductors
WLPH252010_S WALSIN-WLPH252010_S Datasheet
521Kb / 8P
SMD Molded Power Inductors
WLPH252012_P WALSIN-WLPH252012_P Datasheet
604Kb / 8P
SMD Molded Power Inductors
WLPH252012_S WALSIN-WLPH252012_S Datasheet
423Kb / 8P
SMD Molded Power Inductors
WLPM444220LC WALSIN-WLPM444220LC Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPM545230LC WALSIN-WLPM545230LC Datasheet
417Kb / 6P
SMD Molded Power Inductors
WLPMA0A040LC WALSIN-WLPMA0A040LC Datasheet
436Kb / 6P
SMD Molded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com