Electronic Components Datasheet Search
  English  ▼

X  

MAX3292CSD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3292CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3292CSD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3292CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 14Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 15Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
______________________________________________________________________________________
13
DI
RO
RE
Z
Z
Z
Y
B
A
YB
A
RE
RE
RO
RO
DI
DI
DE
DE
DE
D
D
R
R
Y
B
A
R = ZO
R = ZO
D
R
MAX3291
MAX3292
Figure 19. Typical Half-Duplex RS-485 Network
3) Don’t overload the cable with too many receivers.
Even though the MAX3291/MAX3292 receives pre-
sent only 1/4-unit load, placing 128 receivers on the
cable will attenuate the signal if spaced out along
the cable and, in addition, cause reflections if
clumped in one spot. The MAX3291/MAX3292 suc-
cessfully drive the cables to correct RS-485/RS-422
levels with 128 receivers, but the preemphasis
effect is significantly diminished.
The MAX3291/ MAX3292 are centered for a load imped-
ance of 54
Ω, which corresponds to the parallel combina-
tion of the cable impedance and termination resistors. If
your cable impedance deviates somewhat from this
value, you still get the preemphasis effect (although the
ideal preemphasis time, tPRE, may need adjustment).
However, if your cable impedance is significantly differ-
ent, the preemphasis ratio DPER changes, resulting in
significantly less preemphasis. Determine the preempha-
sis ratio versus load by referring to the Driver Differential
Output Voltage vs. RDIFF graph in the Typical Operating
Characteristics. Read the strong and normal levels from
the graph (remember that the horizontal units are half
your cable impedance) and divide the two numbers to
get DPER (DPER = VSTRONG / VNORMAL = VODP / VOD).
Figures 19 and 20 show typical network application cir-
cuits with proper termination.
Preemphasis at Low Data Rates
(MAX3292)
At low data rates (<1Msps), preemphasis operation is
not guaranteed because it is highly dependent on the
system power-supply noise. Minimize this noise by
increasing bypass capacitance and using a power
supply with a fast transient response.
R = ZO
R = ZO
R
D
RO
RE
DE
DI
A
B
Y
R = ZO
R = ZO
DI
DI
DI
RO
RO
RO
DE
DE
DE
RE
RE
RE
Z
Z
Z
Z
Y
Y
Y
AA
A
BB
B
D
D
D
R
R
R
MAX3291
MAX3292
NOTE: RE AND DE ON.
Figure 20. Typical Full-Duplex RS-485 Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com