Electronic Components Datasheet Search
  English  ▼

X  

CTTC4308F Datasheet(PDF) 1 Page - Central Technologies

Part # CTTC4308F
Description  RFID Transponder Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTC4308F Datasheet(HTML) 1 Page - Central Technologies

  CTTC4308F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.30.12
RFID Transponder Coils
www.ctparts.com
CTTC4308F
Series
From 0.40 mH to 8.10 mH
SPECIFICATIONS
Parts are available in ±5% inductance tolerance only.
SRF
DCR
Part
Inductance
Q.
Test Freq.
Min.
Max.
Number
(mH)
Min.
(KHz)
(KHz)
(W)
CTTC4308F-401J
0.40
15
125
4500
7.4
CTTC4308F-901J
0.90
15
125
4000
22
CTTC4308F-112J
1.08
15
125
4000
25
CTTC4308F-202J
1.97
17
125
2400
34
CTTC4308F-242J
2.38
17
125
2200
39
CTTC4308F-332J
3.30
17
125
1800
51
CTTC4308F-412J
4.15
17
125
1700
74
CTTC4308F-492J
4.90
17
125
1300
96
CTTC4308F-682J
6.80
17
125
1000
112
CTTC4308F-712J
7.10
17
125
1000
115
CTTC4308F-812J
8.10
17
125
960
123
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: RFID Transponder Coil.
Applications: Designed for Radio Frequency Identification
Systems (RFID), Tire Pressure Monitoring Systems, Car Remote
Control Key, etc.
Features: Low profile, extended length, High Q value.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±5%
Testing: Inductance is tested on an HP4285A at 125KHz, 0.25V.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
E
D
A
Marking:
Inductance Code
2.79
1.78
A
B
C
D
E
Max.
Max.
Max.
Ref.
Ref.
11.43
3.15
2.74
1.01
0.51
0.45
0.12
0.11
0.04
0.02
Size
mm
inches
Unit: mm


Similar Part No. - CTTC4308F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
CTTCC CT-CTTCC Datasheet
258Kb / 2P
Chip Tantalum Capacitor
CTTCCA105K010T CT-CTTCCA105K010T Datasheet
258Kb / 2P
Chip Tantalum Capacitor
CTTCCA105K050T CT-CTTCCA105K050T Datasheet
258Kb / 2P
Chip Tantalum Capacitor
CTTCCA105K2R5T CT-CTTCCA105K2R5T Datasheet
258Kb / 2P
Chip Tantalum Capacitor
More results

Similar Description - CTTC4308F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
RFID Transponder Coils
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
RFID Transponder Coils
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
RFID Transponder Coils
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
Z-Axis RFID Transponder Coils
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
Chip RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
Surface Mount RFID Transponder Coils
logo
Coilcraft lnc.
4312RV-905XGLB COILCRAFT-4312RV-905XGLB Datasheet
122Kb / 2P
RFID Transponder Coils - 4312RV
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
RFID Transponder Coils - 5315TC
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com