Electronic Components Datasheet Search
  English  ▼

X  

T1 Datasheet(PDF) 1 Page - Central Technologies

Part # T1
Description  Telecommunication Components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

T1 Datasheet(HTML) 1 Page - Central Technologies

  T1 Datasheet HTML 1Page - Central Technologies T1 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telecommunication Components
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.08.07
ORDER INFO
Turns
Ratio
OCL@ 25°C
Cw/w
LL sec
DCR pri
DCR sec
Package/
Primary
Part Number
(pri:sec ± 5%)
(mH Min.)
(pF Max.)
(µH Max.)
(
Ω
Ω Max.)
(
Ω
Ω Max.)
Schematic
Pins
CT-65861F
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
1.4 & 1.4
EW/1C
16-14, 6-8
CT-65862F
1CT:2CT & 1:1.36CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
1.0 & 1.8
EW/2C
16-14, 6-8
CT-65865F
1:1.15CT & 1CT:2CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
0.7 & 1.0
EW/3C
16-14, 6-8
CT-65866F
1:1/1.26 & 1CT:2CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
0.8 & 1.0
EW/3C
16-14, 6-8
CT-65870F
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
0.75 & 0.75
EW/1C
1-3, 6-8
CT-68678F
1CT:1CT & 1CT:2CT
1.20 & 1.20
30 & 30
0.60 & 0.60
0.70 & 0.70
0.7 & 1.0
EW/1C
1-3, 6-8
CT-68786F
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
0.60 & 0.60
0.70 & 0.70
0.9 & 0.9
EW/1C
16-14, 11-9
T1/CEPT/ISDN-PRI (SMD)
Small Size
Not shown at actual size.
APPLICATIONS
Small outline surface mount package.
Dual package contains both transmit & receive transformers.
Models matched to LEADING TRANSCEIVER ICs.
Electrical Specifications @ 25°C
Operating Temperature: 0° to +70°C
Isolation: 1500 Vrms
RoHS Compliant
SCHEMATICS
RoHS
Compliant


Similar Description - T1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP630 TOSHIBA-TLP630 Datasheet
792Kb / 9P
Telecommunication
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
TELECOMMUNICATION PROTECTION
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
Central Technologies
ISDNSINTRFCE CT-ISDNSINTRFCE Datasheet
455Kb / 2P
Telecommunication Components
T1-CEPT-ISDN-PRI-DIP CT-T1-CEPT-ISDN-PRI-DIP Datasheet
452Kb / 2P
Telecommunication Components
logo
Power System Technology
FAB0511001 PST-FAB0511001 Datasheet
246Kb / 3P
Telecommunication
logo
EXCEL CELL ELECTRONIC C...
ETRST ECE-ETRST Datasheet
103Kb / 2P
TELECOMMUNICATION RELAY
ETRUA ECE-ETRUA Datasheet
90Kb / 2P
TELECOMMUNICATION RELAY
ETRGS ECE-ETRGS Datasheet
96Kb / 3P
TELECOMMUNICATION RELAY
ETRAZ ECE-ETRAZ Datasheet
91Kb / 2P
TELECOMMUNICATION RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com