Electronic Components Datasheet Search
  English  ▼

X  

MAX325 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX325
Description  Precision, Single-Supply, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX325 Datasheet HTML 1Page - Maxim Integrated Products MAX325 Datasheet HTML 2Page - Maxim Integrated Products MAX325 Datasheet HTML 3Page - Maxim Integrated Products MAX325 Datasheet HTML 4Page - Maxim Integrated Products MAX325 Datasheet HTML 5Page - Maxim Integrated Products MAX325 Datasheet HTML 6Page - Maxim Integrated Products MAX325 Datasheet HTML 7Page - Maxim Integrated Products MAX325 Datasheet HTML 8Page - Maxim Integrated Products MAX325 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .........................................................................-0.3V to +17V
IN_, COM_, NC_, NO_ (Note 1)..................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal) ......................................30mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ............................100mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
Narrow SO (derate 5.88mW/°C above +70°C) ..............471mW
CERDIP (derate 8.00mW/°C above +70°C) ...................640mW
µMAX (derate 4.10mW/°C above +70°C) ......................330mW
Operating Temperature Ranges
MAX32_C_ _ .........................................................0°C to +70°C
MAX32_E_ _.......................................................-40°C to +85°C
MAX32_MJA ....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO,
VNC
0
V+
V
CONDITIONS
(Note 3)
On-Resistance
RON
33
60
Ω
V+ = 4.5V,
ICOM = 1.0mA,
VNO or VNC = 3.5V
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
-40
40
On-Resistance Match
Between Channels (Note 4)
∆RON
0.8
2
Ω
V+ = 5V,
ICOM = 1.0mA,
VNO or VNC = 3V
On-Resistance Flatness
(Notes 3, 5)
RFLAT(ON)
2
6
Ω
V+ = 5V,
ICOM = 1.0mA,
VNO or VNC = 1V, 2V, 3V
NO or NC Off Leakage
Current (Note 6)
INO(OFF)
or
INC(OFF)
-0.1
0.01
0.1
nA
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
COM Off Leakage Current
(Note 6)
ICOM(OFF)
-0.1
0.1
nA
V+ = 5.5V,
VCOM = 4.5V,
VNO or VNC = 1V
COM On Leakage Current
(Note 6)
ICOM(ON)
-0.2
0.2
nA
V+ = 5.5V,
VCOM = 5V, or
VNO or VNC = 5V
-5
5
-50
50
75
4
8
-5
5
-40
40
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
C, E
M
C, E
M
C, E
M
-10
10
ANALOG SWITCH
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com