Electronic Components Datasheet Search
  English  ▼

X  

MAX3314ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3314ESA
Description  460kbps, 1關A, RS-232-Compatible Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3314ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3314ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3314ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3314ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3314ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3314ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3314ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
460kbps, 1µA, RS-232-Compatible Transceiver
_______________________________________________________________________________________
3
TIMING CHARACTERISTICS
(VCC = +5V, V- = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL =1000pf, transmitter switching
460
kbps
tPLH
Receiver input to receiver output,
CL = 150pF
0.15
Receiver Propagation Delay
tPHL
Receiver input to receiver output,
CL = 150pF
0.15
µs
Transmitter Skew
100
ns
Receiver Skew
50
ns
Transition Region Slew Rate
RL = 3k
Ω to 7kΩ, CL = 150pF to 1000pF,
measured from +3V to -3V or from -3V to +3V
8
V/µs
Typical Operating Characteristics
(VCC = +5V, V- = -5V, 250kbps data rate, transmitter loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
0
2
1
5
4
3
8
7
6
9
0
1000
500
1500
2000
2500
3000
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
SLEW+
SLEW-
-6
-3
-4
-5
1
-1
0
-2
5
3
4
2
6
0
1000
500
1500
2000
2500
3000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
20kbps/120kbps
460kbps/250kbps
460kbps/250kbps
20kbps/120kbps
0
1.5
1.0
0.5
3.0
2.5
2.0
5.0
4.0
4.5
3.5
5.5
0
1000
500
1500
2000
2500
3000
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
120kbps
20kbps
250kbps
460kbps
Pin Description
PIN
NAME
FUNCTION
1VCC
±5% External Power Supply. Decouple with a 0.1µF capacitor to ground.
2
SHDN
Shutdown Active Low. 0 = OFF, 1 = ON.
3
ROUT
TTL/CMOS Receiver Output
4
TIN
TTL/CMOS Transmitter Input
5
TOUT
RS-232-Compatible Transmitter Output
6
RIN
RS-232-Compatible Receiver Input
7V-
±5% External Power Supply. Decouple with a 0.1µF capacitor to ground.
8
GND
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com