Electronic Components Datasheet Search
  English  ▼

X  

MAX336 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX336
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX336 Datasheet HTML 1Page - Maxim Integrated Products MAX336 Datasheet HTML 2Page - Maxim Integrated Products MAX336 Datasheet HTML 3Page - Maxim Integrated Products MAX336 Datasheet HTML 4Page - Maxim Integrated Products MAX336 Datasheet HTML 5Page - Maxim Integrated Products MAX336 Datasheet HTML 6Page - Maxim Integrated Products MAX336 Datasheet HTML 7Page - Maxim Integrated Products MAX336 Datasheet HTML 8Page - Maxim Integrated Products MAX336 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
VNO = +10V,
VCOM = ±10V,
VEN = 0V
TA = +25°C
VCOM = ±10V,
VNO = ±10V,
sequence
each switch
on
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ ............................................................................-0.3V, 44V
GND .........................................................................-0.3V, 25V
Digital Inputs, A_, EN_, NO, COM
(Note 1).............................................(V- - 0.3V) to (V+ + 0.3V)
or 30mA (whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 14.29mW/°C above +70°C) ............1.14W
Wide SO (derate 12.50mW/°C above +70°C).................1.00W
SSOP (derate 9.52mW/°C above +70°C) .....................762mW
CERDIP (derate 16.67mW/°C above +70°C) ..................1.33W
Operating Temperature Ranges
MAX336C_I/MAX337C_I ......................................0°C to +70°C
MAX336E_I/MAX337E_I....................................-40°C to +85°C
MAX336MJI/MAX337MJI ................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.
15
TA = TMIN to TMAX
M
C, E
M
C, E
M
C, E
M
C, E
M
C, E
MAX336
MAX337
MAX336
MAX337
TA = TMIN
to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
-0.02
0.001
0.02
TA = TMIN to TMAX
TA = +25°C
(Note 3)
On-Resistance Matching
Between Channels
∆RON
5
10
Ω
INO = 0.2mA,
VCOM = ±10V (Note 4)
Analog Signal Range
VNO,
VCOM
-15
15
V
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
500
Ω
-1.25
1.25
NO-Off Leakage Current
(Note 5)
INO(OFF)
-20
20
nA
-0.05
0.05
-6.5
6.5
220
400
-80
80
-0.05
0.05
-3.25
3.25
COM-Off Leakage Current
(Note 5)
ICOM(OFF)
-40
40
nA
-0.05
0.05
-6.5
6.5
-80
80
-0.05
0.05
-3.25
3.25
COM-On Leakage Current
(Note 5)
ICOM(ON)
-40
40
nA
CONDITIONS
VNO = ±10V,
VCOM = +10V,
VEN = 0V
INO = 0.2mA,
VCOM = ±10V
VCOM = +10V,
VNO = ±10V,
VEN = 0V
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com