Electronic Components Datasheet Search
  English  ▼

X  

MAX336CWI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX336CWI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336CWI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX336CWI Datasheet HTML 2Page - Maxim Integrated Products MAX336CWI Datasheet HTML 3Page - Maxim Integrated Products MAX336CWI Datasheet HTML 4Page - Maxim Integrated Products MAX336CWI Datasheet HTML 5Page - Maxim Integrated Products MAX336CWI Datasheet HTML 6Page - Maxim Integrated Products MAX336CWI Datasheet HTML 7Page - Maxim Integrated Products MAX336CWI Datasheet HTML 8Page - Maxim Integrated Products MAX336CWI Datasheet HTML 9Page - Maxim Integrated Products MAX336CWI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
__________Applications Information
Operation with Supply Voltages
Other than 15V
Using supply voltages less than ±15V will reduce the
analog signal range. The MAX336/MAX337 switches
operate with ±4.5V to ±20V bipolar supplies or with a
+4.5V to +30V single supply. Connect V- to GND when
operating with a single supply. Both device types can
also operate with unbalanced supplies such as +24V
and -5V. The Typical Operating Characteristics graphs
show typical on-resistance with 20V, 15V, 10V, and 5V
supplies. (Switching times increase by a factor of two
or more for operation at 5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs NO and COM. If power-supply sequencing
is not possible, add two small signal diodes in series
with supply pins for overvoltage protection (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V above V-, but does not significantly
affect the devices’ low switch resistance and low leak-
age characteristics. Device operation is unchanged,
and the difference between V+ and V- should not
exceed 44V.
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Vg
NO
COM
V-
V+
MAX336
MAX337
Figure 1. Overvoltage Protection Using External Blocking
Diodes
3, 13, 14
PIN
27
27
V-
MAX336
MAX337
NAME
Negative Supply-Voltage Input. Connect to GND for single-supply operation.
FUNCTION
1
28
V+
—
Positive Supply-Voltage Input
2, 3, 13
1
N.C.
COM
No Internal Connection
—
2
COMB
Analog Signal Output* (bidirectional)
Analog Signal B Output* (bidirectional)
N.C.
—
No Internal Connection
28
—
4–11
NO8B–NO1B
COMA
Analog Signal B Inputs* (bidirectional)
12
12
GND
Analog Signal A Output* (bidirectional)
Logic Ground
14–17
—
A3–A0
Logic Address Inputs
—
15, 16, 17
A2, A1, A0
Logic Address Inputs
18
18
EN
Logic Enable Input
19–26
—
NO1–NO8
Analog Signal Inputs* (bidirectional)
—
19–26
NO1A–NO8A
Analog Signal A Inputs* (bidirectional)
* Analog signal inputs and outputs are names of convenience only; they are identical and interchangeable.
4–11
—
NO16-NO9
Analog Signal Inputs* (bidirectional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com