Electronic Components Datasheet Search
  English  ▼

X  

LWM1056 Datasheet(PDF) 13 Page - LUXPIA

Part # LWM1056
Description  Specification for Approval
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWM1056 Datasheet(HTML) 13 Page - LUXPIA

Back Button LWM1056 Datasheet HTML 9Page - LUXPIA LWM1056 Datasheet HTML 10Page - LUXPIA LWM1056 Datasheet HTML 11Page - LUXPIA LWM1056 Datasheet HTML 12Page - LUXPIA LWM1056 Datasheet HTML 13Page - LUXPIA LWM1056 Datasheet HTML 14Page - LUXPIA LWM1056 Datasheet HTML 15Page - LUXPIA LWM1056 Datasheet HTML 16Page - LUXPIA LWM1056 Datasheet HTML 17Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
12/20
(Ver 1.0)
9. Reliability
9.1. Test Items And Results
NO
Test Item
Standard Test
Method
Test Conditions
Note
Number of
Damaged
1.
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°c, 10sec.
(Pre treatment
30°c,70%,12hrs)
1 times
0/22
2
Solderability
(Reflow Soldering)
JEITA ED-4701 300
303
Tsld=215±5°c, 3sec
(Lead Solder)
1 time
over 95%
0/22
3
Temperature Cycle
JEITA ED-4701 100
105
-40℃~25℃~100℃
30min. 5min. 30min
100 cycles
0/22
4
High Temperature
Storage
JEITA ED-4701 200
201
Ta=100℃
1000 hrs
0/22
5
Temperature Humidity
Storage
JEITA ED-4701 100
103
Ta=60℃, RH=90%
1000 hrs
0/22
6
Low Temperature
Storage
JEITA ED-4701 200
202
Ta=-40℃
1000 hrs
0/22
7
Steady State
Operating Life
Condition
Internal
Reference
Ta=25℃, IF=60mA
1000 hrs
0/22
8
Steady State
Operating Life of High
Temperature
Internal
Reference
Ta=85℃, IF=15mA
1000 hrs
0/22
9
Steady State
Operating Life of High
Humidity Heat
Internal
Reference
60℃, RH=90%,
IF=30mA
500 hrs
0/22
10
Steady State
Operating Life of Low
Temperature
Internal
Reference
Ta=-30℃, IF=60mA
1000 hrs
0/22
* LED with Luxpia standard circuit board
9.2. Criteria For Judging The Damage
Criteria For Judgement
Item
Symbol
Test Condition
Min.
Max.
Forward Voltage
VF
IF = 60mA
-
U.S.L.6) × 1.1
Luminous Intensity
IV
IF = 60mA
L.S.L.7) × 0.7
-
6) U.S.L. : Upper Standard Level
7) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com