Electronic Components Datasheet Search
  English  ▼

X  

ABLS2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLS2
Description  MOUNT MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABLS2_15 Datasheet HTML 1Page - Abracon Corporation ABLS2_15 Datasheet HTML 2Page - Abracon Corporation ABLS2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABLS2
APPLICATIONS:
FEATURES:
11.4 x 4.7 x 3.3 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
STANDARD SPECIFICATIONS:
• Suitable for RoHS compliant reflow
• Available suitable for thin equipment
• Low height reduced to 3.3mm
• Tight stability & extended temperature
• Computers, Modems, Microprocessors
• Wireless Applications
HC/49US (AT49) LOW PROFILE SURFACE
MOUNT MICROPROCESSOR CRYSTAL
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 03.31.11
Visit www.abracon.com for Terms & Conditions of Sale
)
PARAMETERS
Reduced height
to 3.3mm
TABLE 1: ESR
FREQUENCY (MHz)
ESR (Ω)
3.579545 - 4.999 (Fund.)
180
5.000 - 5.999 (Fund.)
120
6.000 - 7.999 (Fund.)
100
8.000 - 8.999 (Fund.)
80
9.000 - 9.999 (Fund.)
60
10.000 - 15.999 (Fund.)
50
16.000 - 50.000 (Fund.)
40
24.01 - 31.999 (3rd O/T)
100
32.000 - 70.00 (3rd O/T)
80
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
3.579545
-----
24.00
MHz
Fundamental AT
(Standard)
24.01
-----
50.00
Fundamental AT or BT
(See options)
24.01
-----
70.00
3rd Overtone
(Standard)
Operation Mode
Fundamental or 3rd Overtone
Operating Temperature
0
-----
+70
ºC
See options
Storage Temperature
-55
-----
+125
ºC
Frequency Tolerance @+25°C
-50
-----
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
-----
+50
ppm
See options
(For BT cut, ±100ppm max.at
-10° C to +60° C only)
Equivalent series resistance (R1)
See table 1 below
Ω
Shunt capacitance (C0)
-----
-----
7
pF
Load capacitance (CL)
-----
18
-----
pF
Standard (See options if
other than STD)
Drive Level
-----
100
1000
µW
Aging
-5
-----
+5
ppm
@25°C±3°C
First year
Insulation Resistance
500
-----
-----
MΩ
@ 100Vdc ± 15V
Drive level dependency (DLD)
Minimum 7 points tested: from 1µW to 500µW.
Change in frequency (Maximum - Minimum) over DLD range < ±10ppm
Change in ESR (Maximum - Minimum) over DLD range < 25% of Max ESR
value.
Maximum ESR over DLD range < Max ESR value.
ISO9001:2008
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and
not Moisture Sensitive - MSL = N/A: Not Applicable


Similar Part No. - ABLS2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ABLS2-12.000MHZ-D4Y-T TI-ABLS2-12.000MHZ-D4Y-T Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - ABLS2_15

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-12.288-20 RALTRON-H180A-12.288-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H10A RALTRON-H10A Datasheet
60Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Advanced Linear Devices
TT-SMDC ALD-TT-SMDC Datasheet
34Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABSM3B ABRACON-ABSM3B_15 Datasheet
2Mb / 4P
Surface Mount Microprocessor Crystal
04.30.15
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com