Electronic Components Datasheet Search
  English  ▼

X  

MAX3318EEAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3318EEAP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3318EEAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3318EEAP Datasheet HTML 8Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 9Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 10Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 11Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 12Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 13Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 14Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 15Page - Maxim Integrated Products MAX3318EEAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
______________________________________________________________________________________
13
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
tors. Increasing the capacitor values (e.g., by a factor of
2) reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1 without also increasing the values of
C2, C3, C4, and CBYPASS to maintain proper ratios
(C1 to other capacitors).
When using the minimum-required capacitor values,
make sure the capacitor value does not degrade exces-
sively with temperature. If in doubt, use capacitors with
a higher nominal value. The capacitor’s equivalent
series resistance (ESR), which usually rises at low tem-
peratures, influences the amount of ripple on V+ and V-.
Power-Supply Decoupling
In most circumstances, a 0.1µF bypass capacitor is
adequate. In applications that are sensitive to power-
supply noise, decouple VCC to ground with a capacitor
of the same value as charge pump capacitor C1.
Connect bypass capacitors as close to the IC as possible.
Transmitter Outputs when
Exiting Shutdown
Figure 2 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232 com-
patible levels (one transmitter input is high, the other is
low). Each transmitter is loaded with 3k
Ω in parallel with
2500pF. The transmitter outputs display no ringing or
undesirable transients as they come out of shutdown.
Note that the transmitters are enabled only when the
magnitude of V- exceeds approximately -3V.
High Data Rates
The MAX3316E–MAX3319E maintain RS-232 compatible
±3.7V minimum transmitter output voltage even at high
data rates. Figure 8 shows a transmitter loopback test
circuit. Figure 9 shows a loopback test result at
230kbps. For Figure 9, all transmitters were driven
simultaneously at 230kbps into EIA/TIA-562 loads in
parallel with 1000pF.
Chip Information
TRANSISTOR COUNT: 1130
MAX3316E
MAX3317E
MAX3318E
MAX3319E
5k
R_ IN
R_ OUT
FORCEON**
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3*
C1
C2
CBYPASS
VCC
FORCEOFF**
*C3 CAN BE RETURNED TO VCC OR GND.
**MAX3318E/MAX3319E
T_ OUT
T_ IN
GND
VCC
1000pF
Figure 8. Loopback Test Circuit
2V/div
5V/div
2V/div
T1 IN
T1 OUT
R1 OUT
Figure 9. Loopback Test Result at 230kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com