Electronic Components Datasheet Search
  English  ▼

X  

MAX3385ECAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3385ECAP
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3385ECAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3385ECAP Datasheet HTML 1Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 2Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 3Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 4Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 5Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 6Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 7Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3385ECAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
_______________________________________________________________________________________
5
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3385E’s internal power supply consists of a
regulated dual charge pump that provides output volt-
ages of +5.5V (doubling charge pump) and -5.5V
(inverting charge pump), over the 3.0V to 5.5V VCC
range. The charge pump operates in discontinuous
mode; if the output voltages are less than 5.5V, the
charge pump is enabled, and if the output voltages
exceed 5.5V, the charge pump is disabled. Each
charge pump requires a flying capacitor (C1, C2) and a
reservoir capacitor (C3, C4) to generate the V+ and V-
supplies (Figure 1).
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to ±5.0V EIA/TIA-232 levels.
The MAX3385E transmitters guarantee a 250kbps data
rate with worst-case loads of 3k
Ω in parallel with 1000pF,
providing compatibility with PC-to-PC communication
software (such as LapLink™). Transmitters can be paral-
leled to drive multiple receivers or mice.
The MAX3385E’s transmitters are disabled and the out-
puts are forced into a high-impedance state when the
device is in shutdown (SHDN = GND). The MAX3385E
permits the outputs to be driven up to ±12V in shut-
down.
The transmitter inputs do not have pull-up resistors.
Connect unused inputs to GND or VCC.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels (Table 1).
Shutdown Mode
Supply current falls to less than 1µA in shutdown mode
(SHDN = low). When shut down, the device’s charge
pumps are shut off, V+ is pulled down to VCC, V- is
pulled to ground, and the transmitter outputs are dis-
abled (high impedance). The time required to exit shut-
0
SHDN
1
High-Z
T_OUT
Active
Active
R_OUT
Active
MAX3385E
5k
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C1
C2
0.1
µF
VCC
SHDN
T_ OUT
T_ IN
GND
VCC
7k
150pF
MAX3385E
5k
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
3k
C3
3k
C1
C2
0.1
µF
VCC
SHDN
T_ OUT
T_ IN
GND
VCC
3k
2500pF
MINIMUM SLEW-RATE TEST CIRCUIT
MAXIMUM SLEW-RATE TEST CIRCUIT
Figure 1. Slew-Rate Test Circuits
Table 1. Shutdown Truth Table
Laplink is a trademark of Traveling Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com