Electronic Components Datasheet Search
  English  ▼

X  

MAX3384ECWN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3384ECWN
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3384ECWN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3384ECWN Datasheet HTML 1Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 2Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 3Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 4Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 5Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 6Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 7Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 8Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
_______________________________________________________________________________________
3
Note 2: Transmitter skew is measured at the transmitter zero cross points.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, for tests at 3.3V ±10%, C1–C4 = 0.1µF; for tests at +5V ±10%, C1 = 0.047µF, C2–C4 = 0.33µF;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Receiver input to receiver output,
CL = 150pF
RL = 3k
Ω, CL = 1000pF,
one transmitter switching
VCC = +3.3V,
TA = +25°C,
RL = 3k
Ω to 7kΩ,
measured from +3V
to -3V or -3V to +3V
VOUT
≥ +3.7V, RLOAD at V+ = 3kΩ
(Note 2)
CONDITIONS
µs
0.15
tPLH
Receiver Propagation Delay
0.15
tPHL
kbps
250
Maximum Data Rate
630
µs
250
Time to Exit Shutdown
ns
100
tPHL - tPLH|
Transmitter Skew
ns
50
tPHL - tPLH|
Receiver Skew
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 0, transmitter output = ±2V
All transmitter outputs loaded with 3k
Ω to ground
IEC1000-4-2 Contact Discharge
IEC1000-4-2 Air Discharge
Human Body Model
VCC = 0 or +3V to +5.5V, VOUT = ±12V, transmitters dis-
CONDITIONS
Ω
300
10M
Output Resistance
V
±5
±5.4
Output Voltage Swing
±8
R_IN, T_OUT
±15
kV
±15
mA
±60
Output Short-Circuit Current
µA
±25
Output Leakage Current
UNITS
MIN
TYP
MAX
PARAMETER
TIMING CHARACTERISTICS
(VCC = +3V to +5.5V, for tests at 3.3V ±10%, C1–C4 = 0.1µF; for tests at +5V ±10%, C1 = 0.047µF, C2–C4 = 0.33µF; TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CL = 150pF to
1000pF
CL = 150pF to
2500pF
V/µs
430
Transition-Region Slew Rate
TRANSMITTER OUTPUTS
ESD PROTECTION
SHDN from VCC to GND
ns
200
Receiver Output Disable Time
SHDN from GND to VCC
ns
200
Receiver Output Enable Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com