Electronic Components Datasheet Search
  English  ▼

X  

MAX3430EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3430EPA
Description  짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3430EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3430EPA Datasheet HTML 1Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 2Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 3Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 4Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 5Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 6Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 7Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 8Page - Maxim Integrated Products MAX3430EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
±80V Fault-Protected, Fail-Safe,
1/4-Unit Load, +3.3V RS-485 Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to GND.)
VCC ........................................................................................+5V
RE, DE, DI...................................................-0.3V to (VCC + 0.3V)
Driver Output Voltage (A, B) (Note 1) ..................................±80V
Receiver Input Voltage (A, B) (Note 1) ................................±80V
RO ..............................................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
Operating Temperature Ranges
MAX3430C_ _ .....................................................0°C to +70°C
MAX3430E_ _ ..................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: A, B must be terminated with 54
Ω or 100Ω to guarantee ±80V fault protection.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Figure 1, RL = 100
Ω
2.0
VCC
Differential Driver Output
VOD
Figure 1, RL = 54
Ω
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
∆VOD
Figure 1, RL = 100
Ω or 54Ω (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 1, RL = 100
Ω or 54Ω
VCC / 2
3
V
Change in Magnitude of
Common-Mode Voltage
∆VOC
Figure 1, RL = 100
Ω or 54Ω (Note 2)
0.2
V
DRIVER LOGIC
Driver Input High Voltage
VIH
DI
2.0
V
Driver Input Low Voltage
VIL
DI
0.8
V
Driver Input Current
IIN
DI
±1µA
0
≤ VOUT ≤ 12V (Note 3)
+250
Driver Short-Circuit Output
Current
IOSD
-7V
≤ VOUT ≤ VCC (Note 3)
-250
mA
(VCC - 1V)
≤ VOUT ≤ 12V (Note 3)
+10
Driver Short-Circuit Foldback
Output Current
IOSDF
-7V
≤ VOUT ≤ 1V (Note 3)
-10
mA
RECEIVER
DE = GND, RE = GND, VIN = +12V
250
DE = GND, RE = GND, VIN = -7V
-200
µA
Input Current (A, B)
IA, B
VIN = -80V to +80V
-6
+6
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
-200
-50
mV
Receiver Input Hysteresis
∆VTH
VA + VB = 0
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com