Electronic Components Datasheet Search
  English  ▼

X  

MAX3430ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3430ESA
Description  짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3430ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3430ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3430ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX3430 fault-protected RS-485 transceiver features
±80V protection from overvoltage signal faults on commu-
nication bus lines. Each device contains one driver and
one receiver, and the output pins can withstand faults,
with respect to ground, of up to ±80V. Even if the faults
occur when the transceiver is active, shut down, or pow-
ered off, the device will not be damaged. The MAX3430
operates from a 3.3V supply and features a slew-rate-lim-
ited driver that minimizes EMI and reduces reflections
caused by improperly terminated cables, allowing error-
free data transmission at data rates up to 250kbps. The
MAX3430 has a 1/4-unit-load receiver input impedance
allowing up to 128 transceivers on a single bus and fea-
tures fail-safe circuitry, which guarantees a logic-high
receiver output when the receiver inputs are open.
Hot-swap circuitry eliminates false transitions on the
data cable during circuit initialization or connection to a
live backplane. Short-circuit current limiting and ther-
mal-shutdown circuitry protect the driver against exces-
sive power dissipation.
The MAX3430 is available in 8-pin SO and 8-pin PDIP
packages, and is specified over commercial and indus-
trial temperature ranges.
Applications
RS-422/RS-485 Communications
Lighting Systems
Industrial-Control Local Area Networks
Profibus Applications
Multimaster RS-485 Networks
Features
o ±80V Fault Protection
o ±12kV ESD Protection
o +3.3V Operation
o Internal Slew-Rate Limiting
o 250kbps Data Rate
o Allows Up to 128 Transceivers on the Bus
o -7V to +12V Common-Mode Input Voltage Range
o True Fail-Safe Inputs
o Hot-Swap Input Structure on DE
o Available in 8-Pin SO and PDIP Packages
±80V Fault-Protected, Fail-Safe,
1/4-Unit Load, +3.3V RS-485 Transceiver
________________________________________________________________ Maxim Integrated Products
1
Pin Configuration and Typical Operating Circuit
Ordering Information
1
2
3
4
8
5
VCC
0.1
µF
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
B
A
MAX3430
19-2756; Rev 1; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3430CPA
0°C to +70°C
8 Plastic DIP
MAX3430CSA
0°C to +70°C
8 SO
MAX3430EPA
-40°C to +85°C
8 Plastic DIP
MAX3430ESA
-40°C to +85°C
8 SO
TOP VIEW
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D


Similar Part No. - MAX3430ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3406 MAXIM-MAX3406 Datasheet
132Kb / 6P
75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3406EUK MAXIM-MAX3406EUK Datasheet
132Kb / 6P
75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407 MAXIM-MAX3407 Datasheet
132Kb / 6P
75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407EUK MAXIM-MAX3407EUK Datasheet
132Kb / 6P
75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3408 MAXIM-MAX3408 Datasheet
132Kb / 6P
75??100??120??Switchable Termination Networks
Rev 0; 8/01
More results

Similar Description - MAX3430ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
-15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
September 12, 2005
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
April 3, 2009
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com