Electronic Components Datasheet Search
  English  ▼

X  

MAX3465CSD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
12
______________________________________________________________________________________
MAX3468
MAX3469
(HALF-DUPLEX)
DI
DE
RO
RE
RE
D
R
B
A
B
A
A
BA
B
120
Ω
120
Ω
D
R
DI
DE
RO
RE
D
R
DI
DE
RO
D
R
DE
DI
RO
RE
Figure 13. Typical Half-Duplex RS-485 Network
MAX3465
MAX3466
MAX3467
(FULL-DUPLEX)
D
R
R
D
D
R
DI
DE
RO
RE
YZ
B
A
A
B
D
R
DI
DE
RO
RE
YZ
120
Ω
120
Ω
120
Ω
120
Ω
Y
Z
B
A
DI
DE
RO
RE
NOTE: RE AND DE ON MAX3465/MAX3466/MAX3467 ONLY.
RO
DE
DI
RE
A
B
Z
Y
B
Figure 14. Typical Full-Duplex RS-485 Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com