Electronic Components Datasheet Search
  English  ▼

X  

OA109LFG Datasheet(PDF) 1 Page - ORION FANS

Part # OA109LFG
Description  Louvered Filter Fan Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA109LFG Datasheet(HTML) 1 Page - ORION FANS

  OA109LFG Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OA109LFG Series
Louvered Filter Fan Kit
with Fan Installed
Frame
Diecast Aluminum
Operating Temperature
-20C ~ +70C
Life Expectancy
>40,000 hours (L10, 40C )
Environmental:
Class B Insulation
Rated IP55 Fan
Rated IP54 Guard
Guard Frame: ABS Resin
UL94V-0
Color: Black (standard) or
Gray (special order)
Filter Mesh: Nylon fiber
Synthetic Resin
Impeller
PBT, UL94V-O plastic
Connection
Terminals
Motor
AC shaded pole, impedance
protected
Bearing System
Dual Ball
Insulation Resistance
>100M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
PANEL CUTOUT
* Note: Airflow data is for the fan without the louvered filter attached. Calculations indicate that
up to a 40% reduction (~ 67 CFM) in fan airflow is possible with LFG unit installed.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
RoHS Compliant
Orion Fans
Information and data is subject to
45
change without prior notification.
Model Number
OA109LFG111T
OA109LFG221T
Nominal Voltage
115 VAC
230 VAC
Nominal Current
0.16 A
0.08 A
Rated Power
12 W (60Hz)
15 W (60Hz)
Rated Speed (RPM)
3100
3100
Airflow (CFM)
106
106
Noise Level (dB)
46
46
Max. Static Pressure
0.32” H2O
0.32” H2O


Similar Part No. - OA109LFG

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109LFG111T ORIONFANS-OA109LFG111T Datasheet
174Kb / 1P
Louvered Filter Fan Kit
OA109LFG221T ORIONFANS-OA109LFG221T Datasheet
174Kb / 1P
Louvered Filter Fan Kit
More results

Similar Description - OA109LFG

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109LFG111T ORIONFANS-OA109LFG111T Datasheet
174Kb / 1P
Louvered Filter Fan Kit
OA172LFG_XC ORIONFANS-OA172LFG_XC Datasheet
95Kb / 1P
Louvered Filter Fan Kit
OA172LFG111T ORIONFANS-OA172LFG111T Datasheet
126Kb / 1P
Louvered Filter Fan Kit
OA225LFG111T ORIONFANS-OA225LFG111T Datasheet
475Kb / 1P
Louvered Filter Fan Kit
OA254LFG111T ORIONFANS-OA254LFG111T Datasheet
175Kb / 1P
Louvered Filter Fan Kit
OA254LFG111TXC ORIONFANS-OA254LFG111TXC Datasheet
298Kb / 1P
Louvered Filter Fan Kit
OA280LFG111T ORIONFANS-OA280LFG111T Datasheet
580Kb / 1P
Louvered Filter Fan Kit
OA172LFG ORIONFANS-OA172LFG Datasheet
126Kb / 1P
Louvered Filter Fan Kit
OA225LFG ORIONFANS-OA225LFG Datasheet
475Kb / 1P
Louvered Filter Fan Kit
OA254LFG ORIONFANS-OA254LFG Datasheet
175Kb / 1P
Louvered Filter Fan Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com