Electronic Components Datasheet Search
  English  ▼

X  

OAB400 Datasheet(PDF) 1 Page - ORION FANS

Part # OAB400
Description  Centrifugal Fan - Class B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OAB400 Datasheet(HTML) 1 Page - ORION FANS

  OAB400 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
Model Number
OAB400-22-1
Part Number
241611002
Nominal Voltage
230 VAC (50 Hz)
Nominal Current
1.26 A (1.7 A locked) (50 Hz)
Rated Power
287 W
Rated Speed (RPM) 1250
Airflow (CFM)
1900
Noise Level (dB)
73
Max. Static Pressure 5.4” H2O
Bearing System
Sealed Dual Ball
OAB400 Series
Centrifugal Fan - Class B
404 x 162mm (15.9”x 6.4”)
Frame
DiecastAluminum
Impeller
Metal
Connection
2x Leads UL1332,
22AWG
Motor
Capacitor run induc-
tion and external rotor
design
Thermal protection.
Capacitor included
(8uF/450V
Bearing System Dual ball bearing
Insulation
Resistance
>100M ohm between
leadwire and frame
(500VDC)
Class B
Dielectric
Strength
1500VAC for 1 minute
Temperature
Range
-40C ~ +80C
Life (L10)
40,000 hrs (L10, 40C)
052114
RoHSCompliant
Weight:12lbs.
DuctRing:DR400A(optional)


Similar Part No. - OAB400

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OAB400 ORIONFANS-OAB400 Datasheet
5Mb / 8P
AC & EC FANS
OAB400-22-1 ORIONFANS-OAB400-22-1 Datasheet
113Kb / 1P
Centrifugal Fan
OAB400098-11-1 ORIONFANS-OAB400098-11-1 Datasheet
95Kb / 1P
ac crossaxial blower
More results

Similar Description - OAB400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2E146-AP47-22 ETC2-D2E146-AP47-22 Datasheet
700Kb / 5P
AC centrifugal fan
D4E180-CA02-02 ETC-D4E180-CA02-02 Datasheet
584Kb / 5P
AC centrifugal fan
logo
ORION FANS
OAB400-22-1 ORIONFANS-OAB400-22-1 Datasheet
113Kb / 1P
Centrifugal Fan
logo
List of Unclassifed Man...
R2E140-AS77-05 ETC2-R2E140-AS77-05 Datasheet
255Kb / 5P
AC centrifugal fan
logo
ebm-papst
R2E175-AC91-05 EBMPAPST-R2E175-AC91-05 Datasheet
229Kb / 6P
AC centrifugal fan
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-13380 QUALTEK-FDA5-13380 Datasheet
409Kb / 1P
AC CENTRIFUGAL FAN
FDA5-19067 QUALTEK-FDA5-19067 Datasheet
407Kb / 1P
AC CENTRIFUGAL FAN
logo
ebm-papst
G2E160-AY47-01 EBMPAPST-G2E160-AY47-01 Datasheet
115Kb / 5P
AC centrifugal fan
09/08/2010
R2E220-AA44-23-V1 EBMPAPST-R2E220-AA44-23-V1 Datasheet
309Kb / 5P
AC centrifugal fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com