Electronic Components Datasheet Search
  English  ▼

X  

MAX3461CSD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3461CSD
Description  5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3461CSD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3461CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3461CSD Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
+5V, Fail-Safe, 20Mbps, Profibus RS-485/
RS-422 Transceivers
______________________________________________________________________________________
13
PACKAGE OUTLINE, .150" SOIC
1
1
21-0041
B
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
MAX
0.010
0.069
0.019
0.157
0.010
INCHES
0.150
0.007
E
C
DIM
0.014
0.004
B
A1
MIN
0.053
A
0.19
3.80
4.00
0.25
MILLIMETERS
0.10
0.35
1.35
MIN
0.49
0.25
MAX
1.75
0.050
0.016
L
0.40
1.27
0.394
0.386
D
D
MIN
DIM
D
INCHES
MAX
9.80
10.00
MILLIMETERS
MIN
MAX
16
AC
0.337
0.344
AB
8.75
8.55
14
0.189
0.197
AA
5.00
4.80
8
N MS012
N
SIDE VIEW
H
0.244
0.228
5.80
6.20
e
0.050 BSC
1.27 BSC
C
H
E
e
B
A1
A
D
0-8
L
1
VARIATIONS:
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com