Electronic Components Datasheet Search
  English  ▼

X  

MAX3483ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3483ESA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3483ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
-40
-20
0
20
40
60
100
80
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 1.5mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
100
80
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 2.5mA
25
0
50
75
100
125
150
175
02
46
8
10
12
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.6
2.5
-40
-20
0
20
40
60
100
80
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs.TEMPERATURE
TEMPERATURE (°C)
R = 54
Ω
0
-100
-80
-60
-40
-20
5
4
3
2
1
0
-7 -6
-3
-4
-5
-2 -1
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com