Electronic Components Datasheet Search
  English  ▼

X  

ODB7530 Datasheet(PDF) 1 Page - ORION FANS

Part # ODB7530
Description  DC side inlet blower
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

ODB7530 Datasheet(HTML) 1 Page - ORION FANS

  ODB7530 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
PBT, UL94V-0
Notes
Connection
Lead wires*
Available Options
Tachometer
Alarm
Thermal Control
Motor
Brushless DC,
IC protected
Bearing System
Dual ball bearing
Insulation Resistance
10M ohm between
lead wire and frame
(500VDC)
* Connections
UL1007, AWG24, ~320mm
Red ( + )
Black ( - )
Dielectric Strength
60 second at 500VAC,
max. leakage < 500
MicroAmp
Temperature Range
-10C ~ +70C
Model Number
ODB7530-12HB
ODB7530-24HB
Part Number
103141001
103241001
ODB7530 Series
DC side inlet blower
75x30mm (2.95”x 1.18”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Nominal Voltage
12 VDC
24 VDC
Voltage Range
7
~ 13.2 VDC
17
~ 26.4 VDC
Rated Current
0.36 A (+10% max)
0.20 A (+10% max)
Input Power
4.32
W
4
.80 W
Rated Speed (RPM)
3400
3400
Airflow (CFM)
13.8
13.8
Noise Level (dB)
41.7
41.7
Max. Static Pressure ( “ H2O) 0.56
0.56
Life Expectancy
7
0000 hours (40C L10)
Impeller
PBT, UL94V-0
Date: 071615


Similar Part No. - ODB7530

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB7530-12HB ORIONFANS-ODB7530-12HB Datasheet
118Kb / 1P
DC Blowers
ODB7530-24HB ORIONFANS-ODB7530-24HB Datasheet
118Kb / 1P
DC Blowers
More results

Similar Description - ODB7530

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB5009 ORIONFANS-ODB5009 Datasheet
265Kb / 1P
Side Inlet DC Blower
ODB9733 ORIONFANS-ODB9733 Datasheet
189Kb / 1P
DC side inlet blower
logo
CUI INC
CBM-50V CUI-CBM-50V Datasheet
692Kb / 7P
DC BLOWER
CBM-75B CUI-CBM-75B Datasheet
583Kb / 7P
DC BLOWER
CBM-97B CUI-CBM-97B Datasheet
541Kb / 7P
DC BLOWER
CBM-120B CUI-CBM-120B Datasheet
631Kb / 6P
DC BLOWER
CBM-40C CUI-CBM-40C Datasheet
575Kb / 6P
DC BLOWER
CBM-120B-2 CUI-CBM-120B-2 Datasheet
680Kb / 6P
DC BLOWER
05/14/2021
logo
CUI Devices
CBM-40C CUID-CBM-40C Datasheet
978Kb / 8P
DC BLOWER
05/05/2023
CBM-75CF CUID-CBM-75CF Datasheet
1,022Kb / 6P
DC BLOWER
05/05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com