Electronic Components Datasheet Search
  English  ▼

X  

MAX3514EEP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3514EEP
Description  Upstream CATV Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514EEP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3514EEP Datasheet HTML 12Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 13Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 14Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 15Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 16Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 17Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 18Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 19Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Upstream CATV Amplifiers
16
______________________________________________________________________________________
Detailed Description
Programmable-Gain Amplifier
The PGA consists of the variable-gain amplifier (VGA)
and the digital-to-analog converter (DAC), which pro-
vide better than 56dB of output level control in 0.5dB
steps. The PGA is implemented as a programmable
Gilbert-cell attenuator. The gain of the PGA is deter-
mined by a 7-bit word (D6–D0) programmed through
the serial data interface (Tables 1 and 2).
Specified performance is achieved when the input is
driven differentially. The device may be driven single
ended. To drive the device in this manner, one of the
input pins must be capacitively coupled to ground. Use
a capacitor value large enough to allow for a low-
impedance path to ground at the lowest frequency of
operation. For operation down to 5MHz, a 0.001µF
capacitor is suggested.
Output Amplifiers
The output amplifiers are Class A differential amplifiers
capable of driving +61dBmV (QPSK, MAX3514) differ-
entially. This architecture provides superior even-order
distortion performance but requires that a transformer
be used to convert to a single-ended output. In trans-
mit-disable mode, the output amplifiers are powered
down. A resistor is across the output so that the output
impedance remains matched when the amplifier is in
transmit-disable mode. Disabling the output devices
also results in low output noise.
MAX3514/MAX3516
To match the output impedance to a 75
Ω load, the
transformer must have a turns ratio (voltage ratio) of 2:1
(4:1 impedance ratio). The differential amplifier is
biased directly from the +5V supply using the center
tap of the output transformer. This provides a signifi-
cant benefit when switching between transmit mode
and transmit-disable mode. Stored energy due to bias
currents will cancel within the transformer and prevent
switching transients from reaching the load.
MAX3517
The MAX3517 uses external matching resistors to allow
matching to various load impedances through suitable
values of matching resistors and transformer turns
ratios.
Serial Interface
The serial interface has an active-low enable (CS) to
bracket the data, with data clocked in MSB first on the
rising edge of SCLK. Data is stored in the storage latch
on the rising edge of CS. The serial interface controls
Functional Diagram
MAX3514
MAX3516
MAX3517
GND
SDA SCLK
OUT-
OUT+
*MAX3514/MAX3516 ONLY
IN+
IN-
VCC
TXEN
CEXT
*
BIAS
CONTROL
SHDN
HIGH
POWER
LOW
NOISE
D/A CONVERTER
SERIAL DATA INTERFACE
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com