Electronic Components Datasheet Search
  English  ▼

X  

MAX3485ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3485ESA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3485ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3485ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
0.8
0.7
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
100
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
X = DON’T CARE
DE = VCC, RE = X
DE = 0, RE = 0
_____________________________Typical Operating Characteristics (continued)
0
10
20
30
40
50
60
70
80
100
90
-40
-20
0
20
40
60
100
80
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
______________________________________________________________Pin Description
—
—
3
4
5
6
—
8
—
7
1
—
MAX3483/
MAX3485/
MAX3486
2
1
2
3
4
5
—
—
6
—
7
—
8
—
2
Receiver Output. If A > B by 200mV, RO will be high; if A < B by 200mV,
RO will be low.
3
Receiver Output Enable. RO is enabled when RE is low; RO is high imped-
ance when RE is high. If RE is high and DE is low, the device will enter a
low-power shutdown mode.
4
Driver Output Enable. The driver outputs are enabled by bringing DE high.
They are high impedance when DE is low. If RE is high and DE is low, the
device will enter a low-power shutdown mode. If the driver outputs are
enabled, the parts function as line drivers. While they are high impedance,
they function as line receivers if RE is low.
5
Driver Input. A low on DI forces output Y low and output Z high. Similarly, a
high on DI forces output Y high and output Z low.
6, 7
Ground
9
Noninverting Driver Output
10
Inverting Driver Output
—
Noninverting Receiver Input and Noninverting Driver Output
12
Noninverting Receiver Input
RO
–
RE
DE
DI
GND
Y
Z
A
A
—
B
Inverting Receiver Input and Inverting Driver Output
11
B
Inverting Receiver Input
13, 14
VCC
Positive Supply: 3.0V
≤ VCC ≤ 3.6V
1, 8
N.C.
No Connect—not internally connected
MAX3488/
MAX3490
PIN
FUNCTION
MAX3491
FUNCTION
NAME
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com