Electronic Components Datasheet Search
  English  ▼

X  

MAX350CWN Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX350CWN
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350CWN Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX350CWN Datasheet HTML 9Page - Maxim Integrated Products MAX350CWN Datasheet HTML 10Page - Maxim Integrated Products MAX350CWN Datasheet HTML 11Page - Maxim Integrated Products MAX350CWN Datasheet HTML 12Page - Maxim Integrated Products MAX350CWN Datasheet HTML 13Page - Maxim Integrated Products MAX350CWN Datasheet HTML 14Page - Maxim Integrated Products MAX350CWN Datasheet HTML 15Page - Maxim Integrated Products MAX350CWN Datasheet HTML 16Page - Maxim Integrated Products MAX350CWN Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
______________________________________________________________________________________
13
Pin Description
Note: NO and COM pins are identical and interchangeable. Either may be considered as an input or an output; signals pass equally
well in either direction.
• • •
• • •
• • •
• • •
• • •
SCLK
DIN
DOUT
COM-OUT
CS
tDO
tDH
tDS
tCSS
tCH
tCL
tCSH2
tON,
tOFF
Figure 1. Timing Diagram
1
Serial Clock Digital Input
2
Positive Analog Supply Voltage Input
3
Serial Data Digital Input
5
Common Analog Switch (mux output)
6–13
Normally Open Analog Switch Inputs 0–7
—
Common Analog Switch “A” (mux output)
—
Normally Open Analog Switch “A” Inputs 0–3
—
Normally Open Analog Switch “B” Inputs 0–3
—
Common Analog Switch “B” (mux output)
4
Ground. Connect to digital ground. (Analog signals have
no ground reference; they are limited to V+ and V-.)
1
SCLK
2
V+
3
DIN
5
COM
6–9, 11–14
NO0–NO7
—
COMA
—
NO0A–NO3A
—
NO3B–NO0B
—
COMB
4
GND
15
Negative Analog Supply Voltage Input. Connect to GND
for single-supply operation.
16
Serial Data Digital Output. Output high is V+.
17
RESET Input. Connect to logic high (or V+) for normal operation.
Drive low to set all switches off and set internal shift registers to 0.
18
Chip-Select Digital Input (Figure 1)
17
V-
18
DOUT
19
RESET
20
CS
14
No Connect, not internally connected.
10, 15, 16
N.C.
MAX349
SSOP
DIP/SO
NAME
FUNCTION
1
2
3
—
—
5
6–9
10–13
14
4
1
2
3
—
—
5
6–9
11–14
15
4
15
16
17
18
17
18
19
20
—
10, 16
MAX350
SSOP
DIP/SO
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com