Electronic Components Datasheet Search
  English  ▼

X  

MAX352CSE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX352CSE
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX352CSE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX352CSE Datasheet HTML 1Page - Maxim Integrated Products MAX352CSE Datasheet HTML 2Page - Maxim Integrated Products MAX352CSE Datasheet HTML 3Page - Maxim Integrated Products MAX352CSE Datasheet HTML 4Page - Maxim Integrated Products MAX352CSE Datasheet HTML 5Page - Maxim Integrated Products MAX352CSE Datasheet HTML 6Page - Maxim Integrated Products MAX352CSE Datasheet HTML 7Page - Maxim Integrated Products MAX352CSE Datasheet HTML 8Page - Maxim Integrated Products MAX352CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Quad, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V-
V+.......................................................................................44V
GND ...................................................................................25V
VL ................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs, VCOM, VNC, VNO (Note 1) ...........(V- - 2V) to (V+ + 2V)
.........................................................or 30mA (whichever occurs first)
Current (any terminal) .........................................................30mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C) (Note 2)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges:
MAX35_C_ _ .......................................................0°C to +70°C
MAX35_E_ _.....................................................-40°C to +85°C
MAX35_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to
maximum current rating.
Note 2:
All leads are soldered or welded to PC board.
17
30
M
C, E
-40
40
-20
20
-20
20
-0.25
-0.10
0.25
5
4
M
M
M
TA = TMIN to TMAX
TA = TMIN to TMAX
C, E
C, E
C, E
TA = TMIN to TMAX
TA =
+25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
VCOM = ±15.5V,
VNO_ or VNC_ = ±15.5V,
V+ = 16.5V,
V- = -16.5V
VCOM = -15.5V,
VNO_ or VNC_ = 15.5V,
V+ = 16.5V,
V- = -16.5V
(Notes 1, 4)
VCOM = -15.5V,
VNO_ or VNC_ = 15.5V,
V+ = 16.5V,
V- = -16.5V
ICOM = -10mA,
VNO_ or VNC_ = ±10V,
V+ = 15V, V- = - 15V
ICOM = -10mA,
VNO_ or VNC_ = ±8.5V,
V+ = 13.5V,
V- = -13.5V
ICOM = -10mA,
VNO_ or VNC_ = ±5V,
V+ = 15V, V- = - 15V
CONDITIONS
nA
-10
10
ICOM(ON)
COM_ On Leakage Current
-0.4
-0.1
0.4
INC(OFF)
nA
-6
6
COM_ Off Leakage Current
-6
6
nA
INO
INC
Off Leakage Current
(NO_ or NC_)
-0.25
-0.10
0.25
Ω
3
RON
On Resistance Flatness (Note 5)
V
V-
V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
RON
On Resistance Match Between
Channels (Note 5)
Ω
2
17
35
Ω
45
RON
On Resistance
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com