Electronic Components Datasheet Search
  English  ▼

X  

IRF054 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF054
Description  Repetitive Avalanche Ratings
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF054 Datasheet(HTML) 1 Page - International Rectifier

  IRF054 Datasheet HTML 1Page - International Rectifier IRF054 Datasheet HTML 2Page - International Rectifier IRF054 Datasheet HTML 3Page - International Rectifier IRF054 Datasheet HTML 4Page - International Rectifier IRF054 Datasheet HTML 5Page - International Rectifier IRF054 Datasheet HTML 6Page - International Rectifier IRF054 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
45*
ID @ VGS =0V, TC = 100°C
Continuous Drain Current
3 1
IDM
Pulsed Drain Current ➀
220
PD @ TC = 25°C
Max. Power Dissipation
15 0
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
480
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90640
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRF054
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
60V, N-CHANNEL
* Current limited by pin diameter.
TO-3
Product Summary
Part Number BVDSS RDS(on)
ID
IRF054
60V
0.022
Ω
45A*
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page


Similar Part No. - IRF054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
New Jersey Semi-Conduct...
IRF054 NJSEMI-IRF054 Datasheet
98Kb / 2P
60V, N-CHANNEL
logo
Inchange Semiconductor ...
IRF054 ISC-IRF054 Datasheet
48Kb / 2P
Simple Drive Requirements
logo
Seme LAB
IRF054SMD SEME-LAB-IRF054SMD Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRF054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com