Electronic Components Datasheet Search
  English  ▼

X  

EF10C01CF Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # EF10C01CF
Description  Glass Passivated Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

EF10C01CF Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  EF10C01CF Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd EF10C01CF Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
ITO-220AB
EF10C01CF THRU EF10C06CF
Voltage Range 50 to 600 V
Current 10.0 Ampere
Glass Passivated Efficient Fast Recovery Rectifier
EF10C01CF
SYMBOL
PARAMTER
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
EF10C02CF EF10C03CF EF10C05CF EF10C06CF
50
100
200
140
200
600
35
70
420
50
100
600
10.0
10.0
100
0.95
1.25
25
1.85
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic ITO-220AB
High surge current capability
Weight: 1.73 gram
method 208 guranteed
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to lead.
Epoxy: UL 94V-0 rate flame retardant
PIN
MAX.412(10.5)
.108(2.75)
.098(2.50)
.594(15.1)
.587(14.9)
.560(14.20)
.492(12.50)
.026(0.65)
.022(0.55)
.160(4.06)
.140(3.56)
.185(4.70)
.175(4.44)
.136(3.45)
.110(2.80)
.025(0.64)
.014(0.35)
.140(3.56)
.130(3.30)
DIA
3
.125(3.18)
.115(2.92)
1
.131(3.39)
.122(3.08)
.140(3.56)
.130(3.30)
.053(1.35)
.045(1.15)
.105(2.67)
.095(2.41)
1
3
2
2
1 / 2
R3, MAY-12


Similar Part No. - EF10C01CF

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EF10C01C YENYO-EF10C01C Datasheet
885Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF10C01C-G COMCHIP-EF10C01C-G Datasheet
73Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
More results

Similar Description - EF10C01CF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
EF10C01C-G COMCHIP-EF10C01C-G Datasheet
73Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF8A02 YENYO-EF8A02 Datasheet
844Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
MUR805 YENYO-MUR805 Datasheet
837Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
31GF4 YENYO-31GF4 Datasheet
740Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF10C01C YENYO-EF10C01C Datasheet
885Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C02C YENYO-EF20C02C Datasheet
873Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C02CF YENYO-EF20C02CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF101G YENYO-EF101G Datasheet
753Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF201G YENYO-EF201G Datasheet
746Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF301G YENYO-EF301G Datasheet
749Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com