Electronic Components Datasheet Search
  English  ▼

X  

MAX352 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX352
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX352 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX352 Datasheet HTML 2Page - Maxim Integrated Products MAX352 Datasheet HTML 3Page - Maxim Integrated Products MAX352 Datasheet HTML 4Page - Maxim Integrated Products MAX352 Datasheet HTML 5Page - Maxim Integrated Products MAX352 Datasheet HTML 6Page - Maxim Integrated Products MAX352 Datasheet HTML 7Page - Maxim Integrated Products MAX352 Datasheet HTML 8Page - Maxim Integrated Products MAX352 Datasheet HTML 9Page - Maxim Integrated Products MAX352 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
__________Applications Information
Operation with Supplies Other than ±15V
The main limitation of supply voltages other than
±15V is reduced analog-signal range. The MAX351/
MAX352/MAX353 operate with ±5V to ±20V bipolar
supplies. The
Typical Operating Characteristics graphs
show typical on resistance (RON) for ±15V, ±10V, and
±5V supplies. (Switching times increase by a factor of
two or more for operation at ±5V.) The MAX351/
MAX352/MAX353 can operate from +10V to +30V
unipolar supplies. Each device can also be powered
from unbalanced supplies such as +24V and -5V.
Connect V- to 0V when operating with a single supply.
VL must be connected to +5V to be TTL compatible or
to V+ for CMOS-logic input levels.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ first, followed by VL, V-, and logic
inputs. If power-supply sequencing is not possible, add
two small signal diodes in series with the supply pins
for overvoltage protection (Figure 1). Adding diodes
reduces the analog signal range to 1V below V+ and
1V below V-, but low switch resistance and low-leakage
characteristics are unaffected. Device operation is
unchanged, and the difference between V+ to V-
should not exceed +44V.
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
NAME
FUNCTION
1, 8, 9, 16
IN1-IN4
Inputs
2, 7, 10, 15
COM1-COM4
Analog Switch Common Terminal
3, 6, 11, 14
NO or NC
Switch Inputs
PIN
4
V-
Negative Supply-Voltage Input
5
GND
Ground
12
VL
Logic Supply Voltage
13
V+
Positive Supply-Voltage Input—connected to substrate
______________________________________________________________Pin Description
V+
COM_
V-
NO_
Vg
V+
V-
Figure 1. Overvoltage Protection Using External Blocking
Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com