Electronic Components Datasheet Search
  English  ▼

X  

PL3502GP Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # PL3502GP
Description  Polyimide Passivated Auto Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

PL3502GP Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  PL3502GP Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd PL3502GP Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
PRESS-FIT
PL3502GP(N) THRU PL3506GP(N)
Voltage Range 200 to 600 V
Current 35 Ampere
Polyimide Passivated Auto Rectifier
PL3502GP(N)
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PL3504GP(N) PL3506GP(N)
600
400
420
280
600
400
35
10
450
150
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
Weight: 6.70gram
Features
Low forward voltage drop
High current capability
Case: OFC Heat Sink
High surge current capability
Encap: Epoxy Sealed Rated
Mechanical Data
High reliability
UL94V-0
1 / 2
R2,JUL-13
Ring colcr
35A(P)
browm
black
35A(N)
0.053( 1.35)
O
0.050( 1.27)
O
.502( 12.75)
O
.460( 11.7)
O
.468( 11.9)
O
.506( 12.85)
O
.425( 10.8)
O
.417( 10.6)
O
PARAMTER


Similar Part No. - PL3502GP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL3502JP YENYO-PL3502JP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
More results

Similar Description - PL3502GP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502GP YENYO-H13502GP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
H13502JP YENYO-H13502JP Datasheet
632Kb / 2P
Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
Polyimide Passivated Auto Rectifier
H15018JP YENYO-H15018JP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
PL3518JP YENYO-PL3518JP Datasheet
643Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002GP YENYO-PL5002GP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com