Electronic Components Datasheet Search
  English  ▼

X  

PL3530GP Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # PL3530GP
Description  Glass Passivated Auto Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

PL3530GP Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  PL3530GP Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd PL3530GP Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
PRESS-FIT
PL3518GP(N) THRU PL3530GP(N)
Voltage Range 19 to 45 V
Current 35 Ampere
Glass Passivated Auto Rectifier
PL3518GP(N)
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PL3520GP(N) PL3530GP(N)
34-45
24-32
28
20
28
20
35
1
450
150
UNIT
V
V
V
V
A
A
uA
uA
oC
19-24
16
16
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
Weight: 6.90gram
Features
Low forward voltage drop
High current capability
Case: OFC Heat Sink
High surge current capability
Encap: Epoxy Sealed Rated
Mechanical Data
High reliability
UL94V-0
Ring color
35A(P)
browm
black
35A(N)
0.053( 1.35)
O
0.050( 1.27)
O
.502( 12.75)
O
.460( 11.7)
O
.468( 11.9)
O
.506( 12.85)
O
.425( 10.8)
O
.417( 10.6)
O
PARAMETER
1 / 2
R2,NOV-14


Similar Part No. - PL3530GP

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL3530JP YENYO-PL3530JP Datasheet
643Kb / 2P
Polyimide Passivated Auto Rectifier
More results

Similar Description - PL3530GP

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
PD3502P HY-PD3502P Datasheet
43Kb / 2P
GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P Datasheet
41Kb / 2P
GLASS PASSIVATED AUTO RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
H13502GP YENYO-H13502GP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
PL3502GP YENYO-PL3502GP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
PL3518JP YENYO-PL3518JP Datasheet
643Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002GP YENYO-PL5002GP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
logo
HY ELECTRONIC CORP.
PD3502P HY-PD3502P_17 Datasheet
141Kb / 3P
GLASS PASSIVATED AUTO RECTIFIERS
PD3518P HY-PD3518P_17 Datasheet
140Kb / 3P
GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P_17 Datasheet
140Kb / 3P
GLASS PASSIVATED AUTO RECTIFIERS
PD5018P HY-PD5018P_17 Datasheet
140Kb / 3P
GLASS PASSIVATED AUTO RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com